công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP2302ARDZ-3.3-R7

  • AI
    The **ADP2302ARDZ-3.3-R7** is a high-efficiency, fixed-output asynchronous step-down (buck) switching regulator developed by Analog Devices. It is designed to convert a higher input voltage to a stable 3.3V output with minimal external components. --- ## 1. Core Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Voltage** | 3.3 V (Fixed) | | **Output Current** | Up to 2 A | | **Switching Frequency** | 700 kHz | | **Package Type** | 8-Lead SOIC (with Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | | **Efficiency** | Up to 90%+ (load dependent) | --- ## 2. Key Internal Electronic Components The device integrates several critical functions into a single silicon chip to reduce PCB footprint: ### A. Power MOSFET It contains a built-in **High-Side N-channel MOSFET**. Because it uses an N-channel transistor for the high side, it requires a "bootstrap" capacitor (connected to the BST pin) to provide a gate voltage higher than the input voltage. ### B. Control Loop (Current Mode) The chip utilizes **Current Mode Control**. This provides: * Fast transient response to sudden changes in load. * Cycle-by-cycle current limiting for protection against short circuits. ### C. Internal Compensation Unlike many adjustable regulators, the ADP2302ARDZ-3.3 has **internal frequency compensation**. This simplifies the design process because the user does not need to calculate complex RC networks to stabilize the power supply loop. ### D. Protection Circuitry * **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safety limits. * **Undervoltage Lockout (UVLO):** Ensures the device does not attempt to operate if the input voltage is too low to drive the MOSFET safely. --- ## 3. External Component Requirements While the chip is highly integrated, it requires a few peripheral electronic parts to function: 1. **Inductor ($L$):** Typically 4.7µH to 10µH. It stores energy during the "on" cycle and releases it during the "off" cycle. 2. **Catch Diode ($D$):** Since this is an *asynchronous* regulator, an external Schottky diode is required to provide a path for the current when the internal MOSFET is off. 3. **Input/Output Capacitors ($C_{IN}/C_{OUT}$):** Low-ESR ceramic capacitors are recommended to filter noise and stabilize the voltage. 4. **Bootstrap Capacitor ($C_{BST}$):** A small 0.1µF capacitor used to drive the internal power switch. --- ## 4. Pin Configuration Summary The 8-lead SOIC package includes the following functional pins: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap pin for high-side gate drive. | | 2 | **VIN** | Power input voltage. | | 3 | **SW** | Switching node connected to inductor and diode. | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback pin (connected to output for the 3.3V version). | | 6 | **EN** | Enable input (Logic High turns the device on). | | 7 | **PGOOD** | Power Good indicator (Open-drain). | | 8 | **NC** | No internal connection. | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADP2302 and the ADP2303 models?
    • ⤷ How do I select the appropriate Schottky diode for this buck regulator?
    • ⤷ What are the layout considerations for the exposed pad on the SOIC package?