ADP2302ARDZ-2.5-R7
AI

The **ADP2302ARDZ-2.5-R7** is a non-isolated, step-down (buck) switching regulator from Analog Devices. It is designed for high efficiency and compact power conversion in applications requiring a fixed output voltage.
---
## 1. Core Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Analog Devices Inc. |
| **Output Type** | Fixed |
| **Output Voltage** | 2.5V |
| **Input Voltage Range** | 3V to 20V |
| **Output Current** | Up to 2A |
| **Switching Frequency** | 700 kHz |
| **Package** | 8-SOIC-EP (Exposed Pad) |
| **Mounting Type** | Surface Mount |
---
## 2. Key Internal Components & Features
### A. Integrated Power MOSFET
The device integrates a high-side P-channel MOSFET. Because it uses a P-channel switch, it simplifies the drive circuitry and eliminates the need for a boost capacitor often required by N-channel buck regulators.
### B. Current-Mode Control
It employs a fixed-frequency, peak current-mode control architecture. This provides:
* Excellent line and load transient response.
* Simplified external compensation.
* Cycle-by-cycle current limiting for protection.
### C. Precision Enable (EN)
The enable pin has a precise threshold, allowing it to be used as a programmable Under-Voltage Lockout (UVLO) using a simple resistor divider from the input source.
### D. Thermal Management
The **"EP"** in the 8-SOIC-EP package stands for **Exposed Pad**. This metal pad on the bottom of the chip must be soldered to the PCB ground plane to dissipate heat, allowing the chip to handle 2A of current safely.
---
## 3. Circuit Implementation Overview
To create a functional power supply with this IC, the following external electronic parts are required:
1. **Input Capacitor ($C_{IN}$):** Typically a 10µF or 22µF ceramic capacitor to filter input noise.
2. **Inductor ($L$):** Usually between 4.7µH and 10µH, rated for at least 2.5A to 3A saturation current.
3. **Catch Diode ($D$):** A Schottky diode is required for the "off-cycle" current path (non-synchronous rectification).
4. **Output Capacitor ($C_{OUT}$):** Ceramic capacitors to minimize output voltage ripple.
---
## 4. Part Number Breakdown
| Suffix | Meaning |
|:---|:---|
| **ADP2302** | Base Part Number (2A Buck Regulator) |
| **ARDZ** | RoHS Compliant SOIC Package with Exposed Pad |
| **2.5** | Fixed Output Voltage of 2.5V |
| **R7** | 7-inch Reel (Tape and Reel packaging for automated assembly) |
- ⤷
What are the main differences between the ADP2302 and the ADP2303?
- ⤷ How do I calculate the inductor value for this specific 2.5V output?
- ⤷ Is there an adjustable version of this IC available?