công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP2166ACPZ-3.3-R7

  • AI
    The **ADP2166ACPZ-3.3-R7** is a high-efficiency, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for compact applications requiring high current and fixed output voltages. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Manufacturer** | Analog Devices Inc. | | **Output Type** | Fixed | | **Output Voltage** | 3.3V | | **Input Voltage Range** | 2.7V to 5.5V | | **Output Current** | 6A | | **Switching Frequency** | 600 kHz to 1.2 MHz (Sync) | | **Package** | 24-LFCSP (4x4 mm) | | **Topology** | Buck (Step-Down) | --- ### 2. Core Functional Blocks The internal circuitry consists of several critical electronic sections that ensure stability and efficiency: * **Integrated MOSFETs:** It features high-side and low-side power switches integrated into the chip, which reduces the footprint and simplifies the PCB design. * **PWM Control Logic:** Uses a current-mode control scheme for excellent line and load transient response. * **Precision Reference:** An internal bandgap reference ensures the 3.3V output remains stable across temperature fluctuations. * **Protection Circuitry:** Includes Thermal Shutdown (TSD), Overcurrent Protection (OCP), and Undervoltage Lockout (UVLO). --- ### 3. Pin Configuration Highlights The device is housed in a Lead Frame Chip Scale Package (LFCSP), which offers excellent thermal performance. | Pin Name | Function | |:---|:---| | **PVIN / AVIN** | Power and Analog input supply pins. | | **SW** | Switching node connected to the external inductor. | | **PGND / AGND** | Power and Analog ground paths. | | **EN** | Enable pin to turn the device on or off. | | **PGOOD** | Power Good indicator (Open-drain output). | | **SYNC/MODE** | Used for frequency synchronization or selecting between PWM and PFM modes. | --- ### 4. Application Circuit Implementation To implement this part, a few critical external components are required: 1. **Inductor ($L$):** Typically ranges from $0.47\mu H$ to $1.5\mu H$ to handle the 6A current. 2. **Input Capacitors ($C_{in}$):** Ceramic capacitors (X5R or X7R) placed close to the PVIN pins to filter high-frequency noise. 3. **Output Capacitors ($C_{out}$):** Low ESR ceramic capacitors to maintain 3.3V stability and minimize ripple. ```yaml Typical Use Case: - Input: 5.0V (USB or System Bus) - Output: 3.3V (Fixed) - Max Load: 6A - Efficiency: ~94% at mid-load ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the fixed 3.3V version and the adjustable version of the ADP2166?
    • ⤷ How does the SYNC/MODE pin affect the efficiency of the regulator at light loads?
    • ⤷ What is the recommended layout strategy for the LFCSP thermal pad?