AI

The **ADP2166ACPZ-2.5-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed to convert a higher input voltage into a regulated 2.5V output while maintaining a small footprint and high thermal performance.
---
### ## Technical Specifications
Below are the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.5 V (Fixed) |
| **Input Voltage Range** | 2.7 V to 5.5 V |
| **Continuous Output Current** | 6 A |
| **Switching Frequency** | 250 kHz to 1.4 MHz (Resistor Programmable) |
| **Efficiency** | Up to 96% |
| **Package Type** | LFCSP-24 (Lead Frame Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Key Electronic Features
1. **Synchronous Rectification:**
The chip integrates two low-resistance N-channel MOSFETs (high-side and low-side). This eliminates the need for an external Schottky diode, reducing power loss and board space.
2. **Current Mode Architecture:**
It uses a peak current mode control scheme, which provides excellent line and load transient response and simplifies the compensation loop design.
3. **Synchronization Capability:**
The device can be synchronized to an external clock frequency, allowing for system-level EMI control and noise management.
4. **Integrated Protection:**
* **Overcurrent Protection (OCP):** Prevents damage during short-circuit conditions.
* **Thermal Shutdown (TSD):** Shuts down the device if the internal temperature exceeds safe limits.
* **Undervoltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is sufficient for stable performance.
5. **Power Good (PGOOD) Flag:**
An open-drain output that indicates whether the output voltage is within the regulated range, useful for power sequencing.
---
### ### Application Circuit Example
A typical circuit requires minimal external components: an input capacitor, an output inductor, an output capacitor, and a few resistors/capacitors for frequency setting and soft-start.
```c
// Conceptual pin connection logic
[VIN] ----> [PVIN / AVIN] (Input Voltage)
[SW] ----> [Inductor] ----> [VOUT (2.5V)]
[EN] ----> (Enable Signal)
[FB] ----> (Internal feedback for 2.5V fixed)
[GND] ----> (System Ground)
```
---
### ### Use Cases
* **Networking and Communications:** Base stations, routers, and switches.
* **Computing:** High-end servers, storage systems, and FPGA power rails.
* **Industrial:** Point-of-load (POL) regulation in automated test equipment.
- ⤷What is the difference between the fixed and adjustable versions of the ADP2166?
- ⤷ How do I calculate the inductor value for a 6A output current?
- ⤷ What are the PCB layout recommendations for the LFCSP package to manage heat?