công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP2147ACBZ-170-R7

  • AI
    The **ADP2147ACBZ-170-R7** is a high-efficiency, step-down (buck) switching regulator designed by Analog Devices. It is specifically engineered for power-constrained applications where space and battery life are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Output Voltage** | Fixed 1.7V | | **Input Voltage Range** | 2.3V to 5.5V | | **Maximum Output Current** | 800 mA | | **Switching Frequency** | 6 MHz | | **Efficiency** | Up to 94% | | **Package Type** | WLCSP (6-ball Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Notable Features and Functionality * **High Switching Frequency:** Operating at 6 MHz allows for the use of tiny, low-profile inductors and ceramic capacitors, reducing the total PCB footprint. * **Power Saving Mode:** It automatically transitions from PWM (Pulse Width Modulation) to PSM (Power Save Mode) during light load conditions to maintain high efficiency across the entire load range. * **Integrated Compensation:** The internal compensation and soft-start circuitry simplify the design process and reduce external component count. * **Protection Circuitry:** Includes undervoltage lockout (UVLO), short-circuit protection, and thermal shutdown to prevent damage under fault conditions. --- ### 3. Application Use Cases Due to its small form factor and high efficiency, the ADP2147 is typically found in: 1. **Mobile Handsets:** Powering core processors or memory modules. 2. **Wearable Technology:** Smartwatches and fitness trackers requiring long battery life. 3. **Portable Medical Devices:** Handheld monitors and diagnostic tools. 4. **IoT Sensors:** Devices that spend most of their time in low-power states. --- ### 4. Circuit Implementation Example A typical application circuit requires very few external components. Below is a conceptual representation of the necessary parts: ```markdown Input Pin (VIN) --- [ 4.7uF Capacitor ] --- GND Output Pin (VOUT) --- [ 0.47uH Inductor ] --- [ 4.7uF Capacitor ] --- Load Enable Pin (EN) --- Logic High (To Turn ON) ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input and output inductors for this chip?
    • ⤷ How does the 6 MHz frequency impact the electromagnetic interference (EMI) design?
    • ⤷ Can this regulator be used for applications requiring a 1.2V output instead of 1.7V?