AI

The **ADP2138ACBZ-3.0-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter. It is designed by Analog Devices and is specifically optimized for portable devices where space and battery life are critical.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Manufacturer** | Analog Devices |
| **Topology** | Buck (Step-Down) |
| **Output Voltage** | 3.0 V (Fixed) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Current** | 800 mA (Maximum) |
| **Switching Frequency** | 3 MHz |
| **Efficiency** | Up to 95% |
| **Package** | WLCSP (6-ball Wafer Level Chip Scale Package) |
---
### 2. Core Functional Components
The internal architecture of the ADP2138 includes several critical electronic stages:
* **Internal MOSFETs:** It integrates both a high-side P-channel switch and a low-side N-channel synchronous rectifier. This eliminates the need for an external Schottky diode.
* **3 MHz Oscillator:** The high switching frequency allows for the use of very small inductors (typically 1.0 $\mu$H) and tiny ceramic capacitors, reducing the overall PCB footprint.
* **Control Logic (PWM/PSM):**
* **PWM Mode:** At high loads, it operates in Pulse Width Modulation for low noise.
* **Power Save Mode (PSM):** At light loads, it automatically switches to pulse-skipping to maintain high efficiency.
* **Soft Start:** Includes internal circuitry to control the inrush current during startup, protecting the battery and the chip.
---
### 3. Application Circuit Components
To use this IC, you typically need only three external components:
1. **Input Capacitor ($C_{IN}$):** Usually a 4.7 $\mu$F ceramic capacitor to stabilize the input voltage.
2. **Output Inductor ($L$):** A small 1.0 $\mu$H inductor to store energy during the switching cycle.
3. **Output Capacitor ($C_{OUT}$):** Typically a 4.7 $\mu$F or 10 $\mu$F ceramic capacitor to filter output ripple.
---
### 4. Advantages & Use Cases
* **Size:** The WLCSP package is extremely small (approx. 1mm x 1.5mm), making it ideal for smartphones and wearables.
* **Quiet Operation:** The fixed 3 MHz frequency stays well above the audio band, reducing interference in communication devices.
* **Fixed Output:** Since it is the "3.0" version, it provides a regulated 3.0V output without needing external feedback resistors, simplifying the design and reducing component count.
---
- ⤷
How does the ADP2138 compare to the ADP2139 version?
- ⤷What is the recommended layout strategy for the 3 MHz switching frequency?
- ⤷Can this chip handle an input voltage of exactly 3.0V to output 3.0V?