AI

### Electronic Overview: ADP2138ACBZ-2.8-R7
The **ADP2138ACBZ-2.8-R7** is a compact, high-efficiency, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable devices where board space and power efficiency are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Voltage (Fixed)** | 2.8 V |
| **Output Current** | 800 mA |
| **Switching Frequency** | 3 MHz |
| **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features & Functions
* **High Switching Frequency:** Operating at 3 MHz allows for the use of tiny ceramic capacitors and small inductors (as small as 0603 case size), reducing the total PCB footprint.
* **Internal Synchronous Rectification:** Unlike standard buck converters that use an external diode, this part integrates a synchronous rectifier to improve efficiency and reduce part count.
* **Automatic PFM/PWM Mode:**
* **PWM Mode:** At high loads, it operates in Pulse Width Modulation for low noise.
* **PFM Mode:** At light loads, it switches to Pulse Frequency Modulation to save power and extend battery life.
* **Safety Features:** Includes internal soft start, thermal shutdown, and short-circuit protection.
---
### 3. Pinout Configuration (WLCSP)
The device uses a 6-ball grid layout. Below is the functional mapping:
| Pin Ball | Name | Function |
| :--- | :--- | :--- |
| **A1** | **VIN** | Input Voltage Supply |
| **A2** | **SW** | Switch Node (Connection to Inductor) |
| **B1** | **EN** | Enable Input (High = On, Low = Off) |
| **B2** | **GND** | Ground |
| **C1** | **VOUT** | Output Voltage Feedback/Sense |
| **C2** | **PGND** | Power Ground |
---
### 4. Application Circuit Example
A typical circuit requires only three external components: one input capacitor, one output capacitor, and one inductor.
```text
L1 (1.0uH)
VIN ----[inductor]---- VOUT (2.8V)
| | |
[Cin] [IC] [Cout]
| | |
GND GND GND
```
---
### 5. Common Use Cases
* **Mobile Handsets:** Powering internal processors or RF rails.
* **Wearables:** Smartwatches and fitness trackers due to the tiny WLCSP footprint.
* **Point-of-Load (POL):** Localized regulation in high-density digital systems.
- ⤷
What is the recommended inductor value for this specific 3MHz switching frequency?
- ⤷ How does the 'Fixed' output voltage of 2.8V differ from the adjustable version of the ADP2138?
- ⤷ What are the layout best practices for the WLCSP package to manage thermal dissipation?