AI

The **ADP2138ACBZ-2.5-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where board space and battery life are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.5 V (Fixed) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Continuous Output Current** | 800 mA |
| **Switching Frequency** | 3.0 MHz |
| **Package Type** | WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features
* **High Efficiency:** Uses synchronous rectification to achieve efficiency levels up to 95%, reducing heat and preserving battery life.
* **High Switching Frequency:** The 3.0 MHz frequency allows for the use of tiny, low-profile inductors and ceramic capacitors, minimizing the total PCB footprint.
* **Internal Compensation:** The device is internally compensated, which simplifies the design process by reducing the number of required external components.
* **Automatic Mode Switching:** Transitions automatically between **PWM** (Pulse Width Modulation) for high loads and **PSM** (Power Save Mode) for light loads to maximize efficiency across the entire current range.
* **Protection Circuitry:** Includes undervoltage lockout (UVLO), soft start, thermal shutdown, and short-circuit protection.
---
### 3. Pin Configuration (WLCSP)
Since this part uses a Ball Grid Array style package, the pinout is compact:
| Pin Name | Function |
| :--- | :--- |
| **VIN** | Input power supply connection. |
| **VOUT** | Output voltage sense and feedback input. |
| **SW** | Switching node connection to the inductor. |
| **GND** | Ground reference. |
| **EN** | Enable input. High = On, Low = Shutdown. |
---
### 4. Typical Application Circuit
To implement this part, you generally only need three external components:
```text
Input (2.3V-5.5V) ----[ Cin ]----+----( VIN )
|
[ADP2138]----( SW )----[ Inductor ]----+---- Output (2.5V)
| |
(GND)----------------------------[ Cout ]----( GND )
```
* **Inductor:** Typically 1.0 µH.
* **Input Capacitor (Cin):** Typically 4.7 µF ceramic.
* **Output Capacitor (Cout):** Typically 10 µF ceramic.
---
### 5. Part Number Breakdown: `ADP2138ACBZ-2.5-R7`
* **ADP2138:** Base model number.
* **A:** Performance/Revision grade.
* **CB:** Package code for WLCSP.
* **Z:** RoHS compliant (Lead-free).
* **2.5:** Fixed output voltage of 2.5 Volts.
* **R7:** Packaging format (7-inch reel, typically 3,000 units).
- ⤷
What are the recommended inductor specifications for this 3MHz converter?
- ⤷ How does the Power Save Mode (PSM) affect output ripple?
- ⤷ Are there adjustable versions of the ADP2138 available?