công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP2138ACBZ-1.8-R7

  • AI
    ### Electronic Overview: ADP2138ACBZ-1.8-R7 The **ADP2138ACBZ-1.8-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where power density and battery life are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Output Voltage** | 1.8 V (Fixed) | | **Output Current** | 800 mA (Maximum) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Switching Frequency** | 3 MHz | | **Efficiency** | Up to 95% | | **Package** | 6-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Characteristics * **High Switching Frequency:** Operating at 3 MHz allows for the use of tiny, low-profile inductors and ceramic capacitors, significantly reducing the total PCB footprint. * **Automatic PFM/PWM Mode:** * **PWM Mode:** At high loads, it operates in Pulse Width Modulation for low noise. * **PFM Mode:** At light loads, it switches to Pulse Frequency Modulation to maintain high efficiency by reducing switching losses. * **Internal Compensation:** The device features internal compensation and a soft-start circuit to minimize external component count. * **Protection Features:** Includes undervoltage lockout (UVLO), short-circuit protection, and thermal shutdown. --- ### 3. Pin Configuration (WLCSP) The device uses a compact ball grid array. Typical pin assignments include: 1. **VIN:** Input Voltage. 2. **SW:** Switch Node (connects to the inductor). 3. **GND:** Ground. 4. **VOUT:** Output Voltage Sense. 5. **EN:** Enable Pin (Logic high turns the device on). 6. **MODE:** Forces the device into fixed PWM mode or allows automatic PFM/PWM transition. --- ### 4. Typical Application Circuit The circuit requires minimal external parts: an input capacitor ($C_{IN}$), an output capacitor ($C_{OUT}$), and a power inductor ($L$). ```text Input (2.3V-5.5V) ----[Cin]---- VIN | [Enable] -------------- EN [SW] ----(Inductor)---- VOUT (1.8V) | | GND --------[Cout]------------+ ``` --- ### 5. Ordering Information Breakdown * **ADP2138:** Base model number (Compact Buck Regulator). * **ACBZ:** Package type (WLCSP). * **1.8:** Fixed output voltage (1.8V). * **R7:** Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this chip?
    • ⤷ How does the 'Mode' pin affect battery life in portable devices?
    • ⤷ What are the thermal considerations for the WLCSP package at 800mA load?