ADP2138ACBZ-1.2-R7
AI

## Detailed Overview of ADP2138ACBZ-1.2-R7
The **ADP2138ACBZ-1.2-R7** is a high-efficiency, low quiescent current, synchronous step-down (buck) DC-to-DC converter produced by **Analog Devices**. It is designed for portable applications where space and battery life are critical.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Output Type** | Fixed |
| **Output Voltage** | 1.2 V |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Max Output Current** | 800 mA |
| **Switching Frequency** | 3 MHz |
| **Package** | WLCSP-6 (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Features
* **High Efficiency:** Uses synchronous rectification to achieve efficiency levels up to 95%, which reduces heat and extends battery life.
* **3 MHz Switching Frequency:** The high frequency allows for the use of tiny, low-profile inductors and ceramic capacitors, minimizing the total PCB footprint.
* **Automatic PFM/PWM Mode:**
* **PWM Mode:** Operates at a constant frequency for low noise during high loads.
* **PFM Mode:** Switches to Power Save Mode during light loads to maintain high efficiency by reducing switching losses.
* **Internal Compensation:** Simplifies the design process by reducing the number of external components required.
* **Safety Features:** Includes internal soft start, under-voltage lockout (UVLO), thermal shutdown, and short-circuit protection.
---
### 3. Pin Configuration (WLCSP-6)
Since this part uses a Chip Scale Package, the pins are arranged in a ball grid array (BGA) format:
| Ball | Symbol | Description |
| :--- | :--- | :--- |
| **A1** | **VIN** | Input Voltage Supply (2.3V to 5.5V). |
| **A2** | **SW** | Switching Node. Connected to the inductor. |
| **B1** | **EN** | Enable Input. High = On, Low = Off. |
| **B2** | **GND** | Power and Analog Ground. |
| **C1** | **VOUT** | Output Voltage Sense/Feedback. |
| **C2** | **PGND** | Power Ground. |
---
### 4. Typical Application Circuit
The ADP2138 requires very few external components to operate:
```text
Input (2.3V-5.5V) ----[Cin: 4.7uF]---- VIN
|
[ADP2138] ---- SW ---- [L: 1.0uH] ---- Output (1.2V)
| |
GND [Cout: 10uF]
|
GND
```
### 5. Common Applications
* Smartphones and Tablets
* Digital Cameras and Audio Players
* Wireless Handsets
* Point-of-Load (POL) regulation in high-density systems
- ⤷
What are the recommended values for the inductor and output capacitor for this specific 1.2V model?
- ⤷ How does the 'R7' suffix in the part number affect the packaging or ordering quantity?
- ⤷ Can the EN pin be tied directly to VIN for always-on operation?