ADP2138ACBZ-0.8-R7
AI

## Overview of ADP2138ACBZ-0.8-R7
The **ADP2138ACBZ-0.8-R7** is a high-efficiency, low-quiescent current, step-down (buck) DC-to-DC converter manufactured by **Analog Devices**. It is designed specifically for portable applications where space and power efficiency are critical.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | 0.8 V (Fixed) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 800 mA |
| **Switching Frequency** | 3 MHz |
| **Quiescent Current** | 24 µA (Typical) |
| **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADP2138 consists of several integrated electronic stages:
1. **High-Frequency Oscillator:** Operates at 3 MHz, allowing the use of tiny 0603 or 0402 sized external inductors and capacitors.
2. **Synchronous Rectifier:** It integrates both a P-channel high-side switch and an N-channel low-side switch to eliminate the need for an external Schottky diode, increasing efficiency.
3. **Control Logic:** Features a Pulse Width Modulation (PWM) mode for high loads and automatically switches to Power Saving Mode (PSM) at light loads to conserve battery life.
4. **Internal Compensation:** The feedback loop is compensated internally, reducing the total bill of materials (BOM).
---
### 3. Application Use Cases
This component is ideal for modern mobile electronics due to its small footprint and high efficiency.
* **Mobile Handsets:** Powering low-voltage core processors.
* **Wearables:** Smartwatches and fitness trackers requiring long battery standby.
* **Portable Medical Devices:** Precision instruments requiring stable, low-noise power.
* **Wireless Modules:** Providing stable 0.8V rails for high-speed communication chips.
---
### 4. Implementation Example (Pinout)
Since this is a WLCSP package, the layout is highly compact:
```yaml
Pin Configuration:
- A1: VIN (Input Supply)
- A2: SW (Switch Node - connect to Inductor)
- B1: EN (Enable - High to turn on)
- B2: GND (Ground)
- C1: FB (Feedback - sense output voltage)
- C2: GND (Ground)
```
- ⤷
What are the recommended inductor values for the 3MHz switching frequency?
- ⤷ How does the Power Saving Mode (PSM) affect output ripple?
- ⤷ Are there adjustable voltage versions of the ADP2138?