ADP2120ACPZ-R7
AI

The **ADP2120ACPZ-R7** is a high-efficiency, constant-frequency, current-mode, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for compact applications requiring high power density.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Current** | Up to 1.25 A |
| **Switching Frequency** | 1.2 MHz |
| **Output Voltage** | Adjustable (0.6 V to $V_{IN}$) |
| **Efficiency** | Up to 95% |
| **Package** | 10-lead LFCSP (3 mm x 3 mm) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADP2120 includes several critical electronic stages:
1. **Integrated MOSFETs**: It features a high-side P-channel switch and a low-side N-channel synchronous rectifier. This eliminates the need for an external Schottky diode, reducing part count and increasing efficiency.
2. **Current-Mode Control Loop**: Provides excellent line and load transient response. It uses an internal compensation network to simplify the design process.
3. **Pulse-Width Modulation (PWM)**: Operates at a fixed 1.2 MHz. This high frequency allows for the use of small surface-mount inductors and capacitors.
4. **Protection Circuitry**:
* **Overcurrent Protection**: Prevents damage during short circuits.
* **Thermal Shutdown**: Turns off the device if the junction temperature exceeds safe limits.
* **Undervoltage Lockout (UVLO)**: Ensures the device only operates when the input voltage is stable.
---
### 3. Application Circuit Example
A typical circuit requires only a few external components:
* **Inductor (L)**: Typically $1.0\mu H$ to $2.2\mu H$.
* **Input/Output Capacitors ($C_{IN}, C_{OUT}$)**: Ceramic capacitors are recommended for low ESR.
* **Feedback Resistors ($R_1, R_2$)**: Used to set the specific output voltage based on the 0.6 V reference.
```text
Input (2.3V-5.5V) ----[Cin]----(VIN Pin)
|
[ADP2120]----(SW Pin)----[Inductor]---- Output
| |
(FB Pin)----[R1]----[R2]-----------|
```
---
### 4. Part Number Breakdown (ADP2120ACPZ-R7)
* **ADP2120**: Base model number (1.25 A Buck Regulator).
* **ACPZ**: Indicates the package type (LFCSP) and Lead-Free/RoHS compliance.
* **R7**: Refers to the Tape and Reel packaging size (7-inch reel, typically 1500 units).
- ⤷How do I calculate the resistor values for a specific output voltage?
- ⤷ What are the advantages of 1.2 MHz switching frequency over lower frequencies?
- ⤷ Can this part be used in automotive applications?