ADP2108ACBZ-2.5-R7
AI

## ADP2108ACBZ-2.5-R7: Technical Overview
The **ADP2108ACBZ-2.5-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where space and power efficiency are critical.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.5 V |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 600 mA |
| **Switching Frequency** | 3 MHz |
| **Package Type** | WLCSP (5-ball Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
| **Efficiency** | Up to 95% |
---
### 2. Core Functional Features
* **High Switching Frequency:** The 3 MHz frequency allows the use of tiny multilayer inductors and capacitors, significantly reducing the overall PCB footprint.
* **Power Saving Mode (PSM):** At light loads, the device automatically transitions from PWM (Pulse Width Modulation) to PFM (Pulse Frequency Modulation) to maintain high efficiency.
* **Internal Compensation:** The control loop is internally compensated, minimizing the need for external components and simplifying the design process.
* **Protection Circuitry:** Includes features such as:
* Undervoltage Lockout (UVLO)
* Soft-start (to prevent inrush current)
* Thermal Shutdown
* Short-circuit protection
---
### 3. Pin Configuration (5-Ball WLCSP)
| Ball | Name | Function |
| :--- | :--- | :--- |
| **A1** | VIN | Input Voltage supply (2.3V to 5.5V). |
| **A2** | SW | Switch Node; connected to the output inductor. |
| **B1** | EN | Enable Input. High = On, Low = Off. |
| **B2** | FB / VOUT | Feedback input for fixed versions; connects to the output. |
| **C2** | GND | Ground reference. |
---
### 4. Typical Applications
This component is commonly found in battery-powered mobile devices, including:
* Smartphones and PDAs
* Wireless Handsets
* Portable Media Players
* Low-voltage Digital LDO replacements
---
### 5. Part Number Breakdown
* **ADP2108:** Base series number.
* **ACBZ:** Package designator (WLCSP).
* **2.5:** Fixed output voltage of 2.5 Volts.
* **R7:** Packaging suffix (7-inch reel containing 3,000 units).
- ⤷What are the recommended external inductor values for this specific 3MHz converter?
- ⤷ How does the ADP2108 compare to the ADP2109 in terms of efficiency?
- ⤷ Can this part be used for an adjustable output voltage instead of the fixed 2.5V?