công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP2108ACBZ-1.8-R7

  • AI
    The **ADP2108ACBZ-1.8-R7** is a high-efficiency, low-quiescent current, step-down (buck) DC-to-DC converter designed by Analog Devices. It is specifically engineered for portable devices where space and battery life are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | |:--- |:--- | | **Output Voltage** | 1.8 V (Fixed) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Continuous Output Current** | 600 mA | | **Switching Frequency** | 3 MHz | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Ball Count** | 5-ball | | **Efficiency** | Up to 95% | --- ### 2. Core Features and Functionality * **High Switching Frequency:** Operating at 3 MHz allows the use of very small ceramic capacitors and tiny inductors (as small as 0603 case size), reducing the total PCB footprint. * **Power Saving Mode:** It transitions automatically from Pulse Width Modulation (PWM) mode to Power Saving Mode (PSM) at light loads to maintain high efficiency across the entire load range. * **Internal Compensation:** The device is internally compensated, which simplifies the circuit design by reducing the number of external components required. * **Protection Circuitry:** Includes built-in features such as: * Undervoltage Lockout (UVLO) * Thermal Shutdown * Short-circuit protection --- ### 3. Application Circuit Components To implement this part, you typically only need three external components: ```yaml Components: - Input Capacitor: 4.7 µF (Ceramic) - Output Capacitor: 4.7 µF (Ceramic) - Inductor: 1.0 µH or 2.2 µH (Power Inductor) ``` ### 4. Typical Applications * **Mobile Handsets:** Powering baseband processors or I/O rails. * **Portable Media Players:** Efficiently stepping down Li-ion battery voltage. * **Wireless Handhelds:** Ideal for noise-sensitive RF applications due to stable switching. * **Low Power CPU Cores:** Providing a stable 1.8V rail for microcontrollers. ---
    ✨ Follow-up Questions
    • ⤷What are the layout recommendations for the 5-ball WLCSP package?
    • ⤷ How does the ADP2108 compare to the ADP2109 series?
    • ⤷ Can this part handle an input voltage of 6V?