công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP2108ACBZ-1.5-R7

  • AI
    The **ADP2108ACBZ-1.5-R7** is a high-efficiency, low-quiescent-current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where space and power efficiency are critical. --- ### ## Technical Specifications Overview The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 1.5 V | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Maximum Output Current** | 600 mA | | **Switching Frequency** | 3.0 MHz | | **Quiescent Current** | 18 µA (Power-saving mode) | | **Package Type** | WLCSP (5-ball) | | **Efficiency** | Up to 95% | --- ### ## Key Electronic Features 1. **High Switching Frequency (3 MHz):** The high frequency allows the use of tiny, low-profile multilayer inductors and ceramic capacitors, significantly reducing the overall PCB footprint. 2. **Operational Modes:** * **PWM Mode:** Operates at a constant frequency for low noise/ripple when under heavy load. * **PSM (Power Save Mode):** Automatically switches to pulse-skip mode under light loads to maintain high efficiency and extend battery life. 3. **Internal Compensation:** The device is internally compensated, meaning it requires minimal external components (usually just an input capacitor, an output capacitor, and an inductor), simplifying the circuit design. 4. **Protection Circuitry:** * **Soft Start:** Prevents current inrush during startup. * **Thermal Shutdown:** Protects the IC from overheating. * **Undervoltage Lockout (UVLO):** Ensures the device doesn't operate at unstable low input voltages. --- ### ## Pin Configuration (WLCSP-5) | Ball | Symbol | Description | | :--- | :--- | :--- | | A1 | VIN | Input Voltage Supply. | | A2 | SW | Switching Node; connects to the inductor. | | B1 | EN | Enable Input. High = On, Low = Off. | | B2 | GND | Ground. | | C2 | VFB/VOUT | Feedback/Output sense pin for the fixed 1.5V version. | --- ### ## Typical Application Circuit Code Snippet While this is hardware, if you were defining this component in a PCB design tool like **KiCad** (python-based scripting), you might represent its netlist connections conceptually like this: ```python # Conceptual component mapping for ADP2108 component = { "name": "ADP2108ACBZ-1.5", "pins": { "A1": "VIN_Supply", "A2": "Inductor_L1", "B1": "MCU_GPIO_Enable", "B2": "System_GND", "C2": "VOUT_1.5V" }, "external_parts": ["1.0uH Inductor", "4.7uF Cap In", "10uF Cap Out"] } ``` --- ### ## Common Applications * Mobile phones and PDAs * Wireless sensors and IoT nodes * Portable media players * Digital cameras and GPS units
    ✨ Follow-up Questions
    • ⤷What are the recommended values for the inductor and capacitors for this IC?
    • ⤷ How does the 'R7' suffix affect the ordering or packaging of this part?
    • ⤷ Can the ADP2108 be used for an adjustable output voltage instead of fixed 1.5V?