công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP198ACBZ-11-R7

  • AI
    ## Technical Overview of ADP198ACBZ-11-R7 The **ADP198ACBZ-11-R7** is a high-side load switch designed for efficient power domain isolation in mobile and space-constrained electronic devices. It is manufactured by Analog Devices (ADI). ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 1.65 V to 6.5 V | | **Continuous Current** | Up to 1.1 A | | **On-Resistance ($R_{DS(ON)}$)** | ~50 mΩ at 3.3 V | | **Quiescent Current** | Low (approx. 2.5 µA) | | **Package Type** | 4-ball WLCSP (0.95 mm x 0.95 mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functions and Features * **Power Domain Isolation:** It allows a system to turn off specific sub-systems (like sensors or cameras) when not in use to save battery life. * **Low On-Resistance:** The low $R_{DS(ON)}$ minimizes voltage drops and heat dissipation, which is critical for battery-powered applications. * **Logic Controlled Enable:** It features an "EN" (Enable) pin that can be driven by low-voltage GPIOs (General Purpose Input/Outputs) from microcontrollers. * **Quick Output Discharge (QOD):** This specific variant typically includes an internal resistor to discharge the output capacitor when the switch is disabled, ensuring the downstream circuit is fully powered down. --- ### 3. Pin Configuration (WLCSP-4) The device is extremely small, utilizing a Wafer Level Chip Scale Package (WLCSP). | Pin Ball | Name | Function | | :--- | :--- | :--- | | **A1** | **VIN** | Input voltage source. | | **A2** | **VOUT** | Output voltage to the load. | | **B1** | **EN** | Enable input (Active High). | | **B2** | **GND** | Ground reference. | --- ### 4. Typical Applications Due to its ultra-small footprint and high efficiency, it is commonly found in: 1. **Smartphones and Tablets:** Managing power to peripheral modules. 2. **Wearable Electronics:** Minimizing standby current in smartwatches. 3. **Digital Cameras:** Controlling power to image sensors. 4. **Portable Medical Devices:** Ensuring long battery life through aggressive power gating. --- ### 5. Ordering Information Meaning * **ADP198:** Base model number. * **ACBZ:** Package code (WLCSP). * **11:** Internal version or voltage logic indicator. * **R7:** Packaging suffix (7-inch reel, usually containing 3,000 units).
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this switch can handle compared to its 1.1A continuous rating?
    • ⤷ How does the 'Quick Output Discharge' feature prevent latch-up in downstream circuits?
    • ⤷ What are the recommended decoupling capacitor values for VIN and VOUT?