ADP197ACPZN-01-R7
AI

## Detailed Overview: ADP197ACPZN-01-R7
The **ADP197ACPZN-01-R7** is a high-side load switch designed by Analog Devices. It is primarily used to control power rails in electronic systems, allowing for efficient power distribution and power consumption management.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | High-side Load Switch |
| **Input Voltage Range** | 1.8V to 5.5V |
| **Continuous Current** | Up to 2.0A |
| **On-Resistance (Rds On)** | ~12 mΩ (at 5V) |
| **Quiescent Current** | 20 µA (Typical) |
| **Shutdown Current** | < 1 µA |
| **Package Type** | 6-lead LFCSP (2mm x 2mm) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Components
The device consists of several critical internal blocks that ensure safe and efficient power switching:
1. **Low Rdson MOSFET:** The heart of the chip is an N-channel MOSFET. Because it has very low resistance when "on," it minimizes voltage drops and heat generation even at 2 Amps.
2. **Charge Pump:** Since it uses an N-channel MOSFET as a high-side switch, an internal charge pump generates a gate voltage higher than the input voltage to fully turn the transistor on.
3. **Level Shifter:** This allows the "Enable" pin to be controlled by low-voltage logic (like a 1.2V microcontroller) even if the power rail being switched is 5V.
4. **Quick Output Discharge (QOD):** The "-01" variant typically includes an internal resistor that discharges the output capacitor when the switch is turned off, ensuring the load voltage drops to zero quickly.
---
### 3. Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Source |
| 2 | **VIN** | Input Voltage Source (Multiple pins for current handling) |
| 3 | **EN** | Enable Input (Active High) |
| 4 | **VOUT** | Switch Output |
| 5 | **VOUT** | Switch Output |
| 6 | **GND** | Ground |
---
### 4. Application Use Cases
* **Mobile Devices:** Turning off power to subsystems (GPS, Wi-Fi, Camera) when not in use to extend battery life.
* **USB Ports:** Controlling power delivery to USB peripherals.
* **Point of Sale (POS):** Managing power sequences for peripheral screens or card readers.
* **Industrial Sensors:** Isolating sensors to prevent parasitic power draw during sleep modes.
---
### 5. Implementation Example
To use this part in a circuit, a simple configuration is usually sufficient:
```c
// Pseudocode for Microcontroller Control
if (system_need_peripheral == TRUE) {
set_pin_high(GPIO_PIN_ADP197_EN); // Logic High turns ON the 2A rail
} else {
set_pin_low(GPIO_PIN_ADP197_EN); // Logic Low turns OFF and discharges VOUT
}
```
- ⤷What is the difference between the ADP197 and the ADP198 versions?
- ⤷ How does the 'Quick Output Discharge' feature work in this specific model?
- ⤷ What are the thermal considerations when running this part at the full 2A capacity?