ADP1883ARMZ-0.3-R7
AI

The **ADP1883ARMZ-0.3-R7** is a high-performance, synchronous step-down (buck) DC-DC controller manufactured by Analog Devices. It is designed to drive N-channel MOSFETs and is optimized for high-efficiency power conversion in industrial and networking applications.
---
## 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Synchronous Buck Controller |
| **Input Voltage Range** | 2.25 V to 20 V |
| **Output Voltage Range** | 0.8 V to 0.85 × $V_{IN}$ |
| **Switching Frequency** | 300 kHz (indicated by the "-0.3" suffix) |
| **Operating Current** | 1.1 mA (typical) |
| **Package Type** | 10-Lead MSOP (Micro Small Outline Package) |
| **Topology** | Constant On-Time (COT) with Emulated Ripple |
---
## 2. Core Functional Components
The ADP1883 integrates several critical electronic systems to ensure stable power delivery:
### Constant On-Time (COT) Architecture
Unlike standard PWM controllers, the ADP1883 uses a COT architecture. This provides:
* **Ultra-fast transient response:** It reacts almost instantly to load changes.
* **No compensation required:** Simplifies the design process by eliminating the need for complex external RC compensation networks.
### Power Saving Mode (PSM)
The "ADP1883" variant (as opposed to the ADP1882) features a pulse-skipping mode. At light loads, the controller reduces switching frequency to maintain high efficiency, extending battery life or reducing heat in standby states.
### Integrated Drivers
The chip includes built-in gate drivers capable of driving large external N-channel MOSFETs, allowing it to handle output currents ranging from **5A to over 20A**, depending on the external components chosen.
---
## 3. Pin Configuration & Symbols
Below is a brief description of the critical pins found on the 10-lead MSOP:
* **BST (Boost):** High-side gate drive boost input.
* **SW (Switch):** Switch node connection point.
* **VREG:** Internal regulator output (typically 5V) to power internal logic.
* **FB (Feedback):** Monitors output voltage via a resistor divider.
* **EN (Enable):** Logic-level input to turn the device on or off.
---
## 4. Part Number Breakdown
Understanding the suffix nomenclature is essential for procurement:
| Suffix | Meaning |
| :--- | :--- |
| **ARMZ** | Package designator (MSOP) and RoHS compliance (Z). |
| **0.3** | Set switching frequency of **300 kHz**. |
| **R7** | Packaging format: **7-inch Reel** (typically 1,000 units). |
---
## 5. Typical Application Circuit
```spice
[Input 12V] --- [ADP1883] --- [High-side MOSFET] --- [Inductor] --- [Output 1.2V]
| | |
| [Low-side MOSFET] |
|_________________|________________|
|
[Ground]
```
---
- ⤷
What are the main differences between the ADP1882 and the ADP1883?
- ⤷ How do I calculate the output voltage using the FB pin resistors?
- ⤷ What is the maximum output current this controller can support?