công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP1879ACPZ-0.3-R7

  • AI
    The **ADP1879ACPZ-0.3-R7** is a high-performance, synchronous buck controller manufactured by Analog Devices. It is designed for point-of-load (POL) power supplies, offering high efficiency and fast transient response. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package Type** | LFCSP-14 (3mm x 3mm) | | **Output Type** | Step-Down (Buck) | | **Output Phases** | 1 | | **Input Voltage Range** | 3.25V to 20V | | **Output Voltage Range** | 0.6V to 0.85 x Vin | | **Switching Frequency** | 300 kHz (Defined by the "0.3" suffix) | | **Duty Cycle (Max)** | 84% | --- ### 2. Core Functional Components This IC integrates several critical electronic sections to manage power conversion: * **Constant On-Time (COT) Control:** Unlike standard PWM controllers, the ADP1879 uses a constant on-time architecture. This provides an inherently fast response to sudden changes in the load without needing complex compensation networks. * **Synchronous Rectification:** It drives two external N-channel MOSFETs. Using a MOSFET instead of a diode for the low-side switch significantly reduces power loss, improving overall efficiency. * **Power Saving Mode (PSM):** The device features a pulse-skipping mode during light load conditions. This reduces switching losses when the device is not under heavy demand, extending battery life in portable applications. * **Integrated Drivers:** It includes internal gate drivers capable of handling large external MOSFETs, simplifying the circuit design. --- ### 3. Pinout and Circuit Role Key pins typically found on this part include: 1. **VIN:** Power input for the controller. 2. **VREG:** Internal low dropout regulator output for powering internal logic. 3. **BST (Boost):** Used for the high-side gate drive supply (floating bootstrap). 4. **SW (Switch Node):** Connection point for the inductor and MOSFETs. 5. **FB (Feedback):** Monitors output voltage to maintain regulation. 6. **COMP/SS:** Soft start and compensation control. --- ### 4. Typical Applications * Telecommunications and Networking equipment. * High-end Consumer Electronics. * Set-top boxes and Base stations. * Intermediate Bus Architectures (IBA). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 300kHz
    • ⤷ 600kHz
    • ⤷ and 1MHz versions of this IC?
    • ⤷ How do I calculate the external inductor value for the ADP1879?
    • ⤷ What external MOSFET characteristics are most compatible with this controller?