ADP1871ARMZ-1.0-R7
AI

The **ADP1871ARMZ-1.0-R7** is a high-performance, synchronous buck (step-down) controller manufactured by Analog Devices. It is designed for point-of-load (POL) power supplies where efficiency and fast transient response are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Topology** | Buck (Step-Down) |
| **Control Method** | Constant On-Time (COT) |
| **Input Voltage Range** | 3.25 V to 20 V |
| **Output Voltage Range** | 0.6 V to 0.85 × Vin |
| **Switching Frequency** | 1.0 MHz |
| **Package** | 10-MSOP (Micro Small Outline Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Description
The ADP1871 is a **controller**, not a regulator. This means it contains the "brains" (logic, feedback, and drivers) but requires external N-channel MOSFETs to handle the actual power switching.
#### A. Constant On-Time (COT) Architecture
Unlike traditional pulse-width modulation (PWM) controllers that rely on a fixed clock, the ADP1871 uses a COT architecture.
- **Benefit:** It provides a "pseudo-fixed" frequency but allows for near-instantaneous adjustment during load steps.
- **Advantage:** No complex compensation networks are required, simplifying the design process.
#### B. Synchronous Rectification
The device drives two external N-channel MOSFETs (High-Side and Low-Side). Using a MOSFET instead of a diode for the low-side switch significantly reduces power loss, leading to efficiencies often exceeding 95%.
#### C. Power Saving Mode
The "1.0" in the part number indicates the 1.0 MHz frequency version. At light loads, the ADP1871 can transition into a pulse-skipping mode to conserve battery life or improve efficiency in standby states.
---
### 3. Pin Configuration (10-MSOP)
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **BST** | Bootstrap pin for the high-side gate driver. |
| 2 | **DH** | Drive High-side MOSFET gate. |
| 3 | **SW** | Switch node connection. |
| 4 | **DL** | Drive Low-side MOSFET gate. |
| 5 | **PGND** | Power ground. |
| 6 | **FB** | Feedback input for voltage regulation. |
| 7 | **COMP/EN** | Compensation and Enable pin. |
| 8 | **VIN** | Input voltage supply. |
| 9 | **VREG** | Internal LDO output (usually 5V) for gate drive power. |
| 10 | **RES** | Reserved/Frequency setting pin. |
---
### 4. Application Areas
* **Telecommunications:** Base stations and networking equipment.
* **Medical Equipment:** High-efficiency power modules.
* **Computing:** Servers, storage, and high-end workstations.
* **Industrial:** Distributed power systems requiring 12V to 1V-5V conversion.
---
- ⤷
What are the main differences between the 300kHz
- ⤷ 600kHz
- ⤷ and 1.0MHz versions of this IC?
- ⤷ How do you calculate the output inductor value for an ADP1871 design?
- ⤷ What external MOSFETs are recommended for use with the ADP1871?