ADP1871ARMZ-0.3-R7
AI

The **ADP1871ARMZ-0.3-R7** is a high-performance, synchronous buck (step-down) DC-to-DC controller manufactured by Analog Devices. It is designed for point-of-load applications requiring high efficiency and fast transient response.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of this specific variant:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Step-Down (Buck) Controller |
| **Output Configuration** | Positive, Synchronous |
| **Input Voltage Range** | 3.25V to 20V |
| **Output Voltage Range** | 0.6V to 0.85 x Vin |
| **Switching Frequency** | 300 kHz (indicated by "-0.3") |
| **Control Method** | Constant On-Time (COT) |
| **Package / Case** | 10-MSOP (Mini Small Outline Package) |
| **Operating Temperature** | -40°C to 125°C |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's configuration:
* **ADP1871**: Base model number (Synchronous Buck Controller).
* **ARMZ**: Package type (MSOP) and RoHS compliance (Z).
* **0.3**: Indicates the fixed switching frequency of **300 kHz**.
* **R7**: Packaging format (7-inch Tape and Reel).
---
### 3. Core Features & Benefits
#### A. Constant On-Time (COT) Architecture
The ADP1871 uses a proprietary "emulated" current-mode constant on-time control scheme. This allows the controller to maintain a nearly constant frequency while providing an exceptionally fast response to sudden changes in the electrical load.
#### B. Power Saving Mode
At light loads, the device can operate in pulse-skip mode to maintain high efficiency, making it suitable for battery-powered or energy-conscious designs.
#### C. Integrated Drivers
It includes powerful integrated gate drivers capable of driving large N-channel MOSFETs, which reduces the need for external components and saves PCB space.
#### D. Soft Start and Protection
The chip includes a programmable soft-start feature to prevent inrush current during power-up, as well as over-current, over-voltage, and thermal shutdown protection.
---
### 4. Typical Application Circuit
In a standard design, the ADP1871 acts as the "brain," controlling external MOSFETs and an inductor.
```yaml
Input Voltage (3.25V-20V)
|
[ ADP1871 Controller ] ----> [ High-side MOSFET ]
| [ Low-side MOSFET ]
| |
|----------------------- [ Inductor / Filter ] ----> Output Voltage
```
---
### 5. Common Use Cases
* **Telecom and Networking**: Base stations and routers.
* **Computing**: Server power supplies and point-of-load modules.
* **Industrial**: High-end medical equipment and automated control systems.
---
- ⤷
What is the difference between the ADP1871 and the ADP1870 variant?
- ⤷ How do I calculate the output voltage using the feedback pin?
- ⤷ What are the recommended external MOSFETs for a 300kHz application?