công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP1829ACPZ-R7

  • AI
    The **ADP1829ACPZ-R7** is a high-performance, dual-output, synchronous step-down (buck) DC-to-DC controller manufactured by Analog Devices. It is designed to drive N-channel MOSFETs to provide two independent output voltages from a single input supply. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Voltage Range** | 0.6 V to 85% of $V_{IN}$ | | **Number of Outputs** | 2 (Dual Channel) | | **Switching Frequency** | 300 kHz or 600 kHz (Selectable) | | **Control Method** | Voltage Mode Control | | **Package Type** | 32-Lead LFCSP (5mm x 5mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Components & Features #### A. Dual-Channel Architecture The device contains two independent controllers. These channels operate **180° out-of-phase**, which reduces input ripple current and minimizes the requirement for input capacitance. #### B. Synchronous Rectification By driving two N-channel MOSFETs per channel (High-side and Low-side), the ADP1829 achieves high efficiency by reducing power loss across the diode typically found in non-synchronous converters. #### C. Power Management Features * **Soft Start:** Programmable soft start to prevent inrush current during power-up. * **Power Good (PGOOD):** A logic output that signals when the output voltage is within its regulated range. * **Tracking/Sequencing:** Allows for specific power-up sequences, crucial for FPGAs and DSPs. #### D. Protection Circuitry * **Current Limiting:** Uses the $R_{DSON}$ of the lower MOSFET to sense current, eliminating the need for a bulky external sense resistor. * **Thermal Shutdown:** Protects the IC from overheating. * **UVLO:** Under-Voltage Lockout ensures the chip doesn't operate under unstable low-voltage conditions. --- ### 3. Pinout Overview (Partial) | Pin | Name | Function | | :--- | :--- | :--- | | **15, 23** | **DH1, DH2** | High-side gate drive outputs. | | **18, 20** | **DL1, DL2** | Low-side gate drive outputs. | | **32** | **FREQ** | Frequency selection (High for 600kHz, Low for 300kHz). | | **1, 8** | **FB1, FB2** | Feedback pins for output voltage regulation. | | **Exposed Pad** | **GND** | Must be soldered to PCB ground for thermal dissipation. | --- ### 4. Typical Applications * **Telecommunications:** Base stations and networking equipment. * **Computing:** High-end servers and storage systems. * **Industrial:** Multi-rail power systems for PLCs. * **Consumer Electronics:** Set-top boxes and gaming consoles. ---
    ✨ Follow-up Questions
    • ⤷ How does the 180-degree phase shift between channels benefit the PCB layout?
    • ⤷ What external components are most critical for the stability of the ADP1829?
    • ⤷ Can the ADP1829 be used for a single-output high-current application?