ADP1828YRQZ-R7
AI

The **ADP1828YRQZ-R7** is a high-performance, synchronous step-down (buck) DC-to-DC controller manufactured by Analog Devices. It is designed to drive external N-channel MOSFETs to deliver high currents for point-of-load applications.
---
### ## Key Specifications and Features
| Feature | Specification / Description |
| :--- | :--- |
| **Type** | Synchronous Buck Controller |
| **Input Voltage Range** | 3.0 V to 20 V |
| **Output Voltage Range** | 0.6 V to 85% of $V_{IN}$ |
| **Switching Frequency** | 300 kHz to 600 kHz (Resistor Programmable) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | QSOP-20 (YRQZ) |
| **Mounting Type** | Surface Mount |
---
### ### Core Functional Blocks
1. **Pulse-Width Modulation (PWM) Control:**
The device uses a voltage-mode control architecture with an input voltage feed-forward system. This provides excellent rejection of input voltage transients and simplifies the compensation loop.
2. **Gate Drivers:**
It integrates powerful drivers for both high-side and low-side N-channel MOSFETs. The synchronous rectification increases efficiency significantly compared to standard diode-based buck converters.
3. **Soft-Start and Tracking:**
It includes a programmable soft-start feature to prevent inrush current during power-up and supports voltage tracking for complex power sequencing in FPGAs or DSPs.
4. **Protection Circuitry:**
- **Overcurrent Protection (OCP):** Uses the $R_{DS(ON)}$ of the low-side MOSFET to sense current, eliminating the need for an external sense resistor.
- **Thermal Shutdown:** Protects the IC from overheating.
- **Undervoltage Lockout (UVLO):** Ensures the device only operates when the input voltage is stable.
---
### ### Pin Configuration Highlights
| Pin | Name | Function |
| :--- | :--- | :--- |
| **19** | **BST** | Bootstrap pin for the high-side MOSFET gate driver. |
| **17** | **DH** | Drive signal for the high-side N-channel MOSFET. |
| **14** | **DL** | Drive signal for the low-side N-channel MOSFET. |
| **1** | **FREQ** | Frequency set pin; connects to a resistor to define the switching speed. |
| **4** | **FB** | Feedback pin used to set the output voltage via a divider. |
---
### ### Typical Applications
* **Telecommunications:** Base stations and networking equipment.
* **Computing:** High-end servers and storage systems.
* **Embedded Systems:** Powering FPGAs, ASICs, and Digital Signal Processors (DSPs).
* **Industrial:** High-current point-of-load (POL) power modules.
- ⤷
How do you calculate the output voltage for the ADP1828 based on the feedback resistor divider?
- ⤷ What is the benefit of the 'Voltage Feed-Forward' feature in this controller?
- ⤷ What are the recommended external N-channel MOSFETs for use with this device?