ADP176ARMZ-1.0-R7
AI

## Overview of ADP176ARMZ-1.0-R7
The **ADP176ARMZ-1.0-R7** is a low-dropout (LDO) linear regulator manufactured by Analog Devices (ADI). It is designed to provide a high-current, low-noise power supply for noise-sensitive circuits, specifically targeting applications like high-speed data converters, RF components, and medical imaging.
---
### Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | 1.0 V (Fixed) |
| **Input Voltage Range** | 2.5 V to 5.5 V |
| **Maximum Output Current** | 700 mA |
| **Dropout Voltage** | 160 mV (at 700 mA load) |
| **PSRR (Power Supply Rejection Ratio)** | 65 dB at 10 kHz |
| **Output Noise** | 30 µV rms (10 Hz to 100 kHz) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-Lead MSOP (Micro Small Outline Package) |
---
### Key Features
1. **Low Noise Performance:** Its low output noise makes it ideal for powering sensitive analog-to-digital converters (ADCs) and digital-to-analog converters (DACs).
2. **Excellent PSRR:** High rejection of input ripples ensures that the output voltage remains stable even if the input supply is noisy.
3. **Soft Start Capability:** Reduces inrush current during startup, protecting the rest of the circuit.
4. **Reverse Current Protection:** Prevents damage to the device if the output voltage exceeds the input voltage.
5. **Thermal and Overcurrent Protection:** Includes internal circuitry to shut down the device in case of overheating or short circuits.
---
### Pin Configuration Summary
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Regulator Input Supply. |
| 2 | **EN** | Enable Input. High = On, Low = Off. |
| 3 | **GND** | Ground. |
| 4 | **NC/SS** | Soft Start (can be left open for internal default). |
| 5 | **SENSE** | Sense input for precision voltage regulation. |
| 6 | **VOUT** | Regulated Output Voltage. |
| 7 | **NC** | No Connection. |
| 8 | **NC** | No Connection. |
---
### Typical Application Circuit
To ensure stability, the ADP176A requires the use of small ceramic capacitors.
```markdown
Input (2.5V - 5.5V) ----[ 2.2µF Cap ]---- VIN (Pin 1)
VOUT (Pin 6) ----[ 2.2µF Cap ]---- Output (1.0V)
GND (Pin 3) --------------------- Common Ground
```
---
### Ordering Information Detail
* **ADP176A:** Device series name.
* **RMZ:** Package code (MSOP).
* **1.0:** Fixed output voltage of 1.0 Volts.
* **R7:** 7-inch reel packaging (Tape and Reel).
- ⤷What are the primary differences between the ADP176A and the ADP1761 series?
- ⤷ Can this LDO be used for voltages other than 1.0V?
- ⤷ How does the dropout voltage affect the efficiency of this component?