công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP1762ACPZ0.95-R7

  • AI
    ## Overview of the ADP1762ACPZ0.95-R7 The **ADP1762ACPZ0.95-R7** is a high-performance, low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered to power noise-sensitive high-speed analog and mixed-signal circuits. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.10 V to 1.98 V | | **Output Voltage (Fixed)** | 0.95 V | | **Maximum Output Current** | 2.0 A | | **Dropout Voltage** | 62 mV (typical at 2A load) | | **PSRR (Power Supply Rejection Ratio)** | 62 dB at 10 kHz; 46 dB at 1 MHz | | **Output Noise** | 2 μV rms (10 Hz to 100 kHz) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | --- ### Core Electronic Features 1. **Ultra-Low Noise Performance**: The device is optimized for applications where power supply noise can degrade performance, such as RF transceivers or high-speed ADCs/DACs. 2. **Low Dropout (LDO)**: With a dropout voltage of only 62 mV at full load, it allows for efficient regulation even when the input voltage is very close to the output voltage, reducing power dissipation. 3. **Precision Enable and Soft Start**: - The **Enable (EN) pin** allows for external control to turn the device on/off. - The **Soft Start (SS) pin** allows users to program the start-up time using an external capacitor, preventing inrush current. 4. **Power Good (PG) Indicator**: A dedicated pin that signals when the output voltage is within regulation, useful for power sequencing in multi-rail systems. --- ### Typical Application Circuit To function correctly, the ADP1762 requires specific external components: * **Input Capacitor ($C_{IN}$)**: Typically a 10 μF ceramic capacitor to handle transient currents. * **Output Capacitor ($C_{OUT}$)**: Typically a 10 μF low-ESR ceramic capacitor to ensure stability. * **VREG Capacitor ($C_{VREG}$)**: A 1 μF capacitor required for internal circuitry. * **Soft Start Capacitor ($C_{SS}$)**: Optional, used to define the ramp-up time of the output. --- ### Common Use Cases * **Networking Equipment**: Switches and routers requiring stable low-voltage rails. * **Medical Imaging**: Sensitive analog front-ends. * **Instrumentation**: High-precision measurement tools. * **FPGA/DSP Power**: Providing clean power to the core or I/O rails of high-speed processors.
    ✨ Follow-up Questions
    • ⤷ How does the Power Good (PG) pin function in a multi-rail sequence?
    • ⤷ What are the thermal considerations for the 16-lead LFCSP package at 2A current?
    • ⤷ Can the output voltage be adjusted
    • ⤷ or is it strictly fixed at 0.95V?