ADP1707ARDZ-18-R7
AI

## Technical Overview of ADP1707ARDZ-1.8-R7
The **ADP1707ARDZ-1.8-R7** is a high-performance CMOS linear regulator (LDO) manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Maximum Output Current** | 1 Ampere (1A) |
| **Dropout Voltage** | 150 mV (typical at 1A load) |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **PSRR** | 70 dB at 1 kHz |
| **Accuracy** | ±1% at room temperature |
---
### 2. Functional Features
* **Fixed Output:** This specific variant is factory-set to 1.8V, eliminating the need for external resistors to set the voltage.
* **Soft Start:** Includes an internal soft-start function to limit inrush current during startup, protecting the power source and the load.
* **Enable Pin (EN):** Allows the device to be turned on or off via a logic signal to reduce power consumption when the circuit is idle.
* **Thermal and Overcurrent Protection:** Includes internal circuitry to prevent damage due to excessive heat or short-circuit conditions.
* **Stability:** Optimized for use with small, low-ESR ceramic capacitors (minimum 4.7 µF).
---
### 3. Pin Configuration (8-Lead SOIC)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated output voltage (1.8V). |
| 2, 3 | **NC** | No internal connection. |
| 4 | **GND** | Ground reference. |
| 5 | **EN** | Enable input (Active High). |
| 6, 7 | **NC** | No internal connection. |
| 8 | **VIN** | Unregulated input supply voltage. |
| EP | **Exposed Pad** | Should be soldered to PCB ground for thermal dissipation. |
---
### 4. Typical Applications
The ADP1707 series is commonly found in:
* **Digital Signal Processors (DSPs)** and FPGA I/O rails.
* **Mobile Handsets** and portable medical equipment.
* **Post-regulation** for switching power supplies to reduce ripple.
* **High-speed data converters** (ADCs/DACs) requiring clean power.
---
### 5. Part Number Breakdown (Suffixes)
* **ARDZ:** Indicates the package (SOIC) and RoHS compliance (Lead-free).
* **1.8:** Specifies the fixed 1.8V output.
* **R7:** Refers to the packaging format (7-inch Tape and Reel, typically 1,000 units).
- ⤷What is the thermal resistance (Theta-JA) for this specific SOIC package?
- ⤷ Can the ADP1707 be used with an input voltage lower than 2.5V?
- ⤷ What are the recommended values for the input and output capacitors?