ADP1706ARDZ-3.3-R7
AI

## Technical Overview of ADP1706ARDZ-3.3-R7
The **ADP1706ARDZ-3.3-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable, low-noise power supply for sensitive electronic components.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices |
| **Output Type** | Fixed |
| **Output Voltage** | 3.3 V |
| **Input Voltage Range** | 2.5 V to 5.5 V |
| **Output Current** | 1.0 A (1000 mA) |
| **Dropout Voltage** | 345 mV @ 1A |
| **Package** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Features
* **High Current Capability:** Unlike many standard LDOs that cap at 150mA or 500mA, this part supports up to **1A**, making it suitable for FPGA cores and high-speed DSPs.
* **Soft Start Feature:** It includes an internal soft-start that limits inrush current during startup, protecting the power source and the load.
* **High PSRR:** It features a high Power Supply Rejection Ratio (PSRR), which filters out noise from the input power rail.
* **Enable Input:** A dedicated `EN` pin allows the regulator to be turned on or off via logic signals, reducing standby power consumption.
* **Thermal Protection:** Includes internal thermal overload protection and short-circuit current limit.
---
### 3. Pin Configuration (8-Lead SOIC)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Regulator Input Supply. |
| 2 | **VOUT** | Regulated 3.3V Output. |
| 3 | **GND** | Ground. |
| 4 | **NC** | No Connection. |
| 5 | **EN** | Enable Input (Active High). |
| 6 | **SS** | Soft Start Pin (Connect capacitor to adjust start time). |
| 7 | **NC** | No Connection. |
| 8 | **ADJ/NC** | Not connected for fixed versions (3.3V). |
| EP | **PAD** | Exposed Pad (Connect to GND for heat dissipation). |
---
### 4. Part Number Breakdown
* **ADP1706**: The base series number.
* **ARDZ**: Indicates the package type (SOIC_N_EP) and RoHS compliance (Z).
* **3.3**: The fixed output voltage (3.3V).
* **R7**: Indicates Tape and Reel packaging (7-inch reel).
---
### 5. Application Example
To use this regulator, you typically only need two capacitors:
1. **Input Capacitor ($C_{IN}$):** 4.7 µF ceramic.
2. **Output Capacitor ($C_{OUT}$):** 4.7 µF ceramic.
```text
Input (2.5V-5.5V) ----[ C_IN ]---- VIN [ ADP1706-3.3 ] VOUT ----[ C_OUT ]---- Output (3.3V)
| |
GND EN (Logic High)
```
- ⤷
What is the maximum power dissipation for the SOIC_N_EP package?
- ⤷ Can I use tantalum capacitors instead of ceramic for the output?
- ⤷ How do I calculate the soft-start time using the SS pin?