công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP1706ACPZ-11-R7

  • AI
    ## Technical Overview: ADP1706ACPZ-1.1-R7 The **ADP1706ACPZ-1.1-R7** is a low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered to provide a stable, low-noise power supply for high-performance analog and mixed-signal applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 1.1 V (Fixed) | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Maximum Output Current** | 1 Ampere (1A) | | **Dropout Voltage** | ~345 mV @ 1A load | | **Package Type** | 8-Lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | | **PSRR** | 70 dB at 1 kHz | --- ### 2. Core Functional Components The internal architecture of this part consists of several critical electronic sub-systems: * **Internal Reference:** A high-precision bandgap reference that ensures the output stays at exactly 1.1V regardless of temperature shifts. * **Error Amplifier:** Constantly compares the feedback from the output pin to the internal reference to adjust the pass transistor. * **PMOS Pass Transistor:** Unlike bipolar regulators, the use of a PMOS element allows for a very low dropout voltage and low quiescent current. * **Protection Circuitry:** Includes Thermal Shutdown (TSD) and Current Limit protection to prevent the device from failing under fault conditions. * **Soft Start:** Includes an internal soft-start capacitor to limit inrush current during startup. --- ### 3. Pin Configuration & Symbols | Pin # | Name | Description | | :--- | :--- | :--- | | 1, 2 | **VIN** | Regulator Input Supply. | | 3, 4 | **VOUT** | Regulated Output Voltage (1.1V). | | 5 | **GND** | Ground reference. | | 6 | **NC** | No Connect. | | 7 | **EN** | Enable Input. High = On, Low = Off. | | 8 | **SS/ADJ** | Soft Start (or adjustment if it were an adjustable model). | | EP | **Exposed Pad** | Should be soldered to GND for thermal dissipation. | --- ### 4. Implementation Example To use this part in a circuit, you typically need minimal external components (Decoupling Capacitors). ```c // Typical Application Circuit Schematic Concept [Input 2.5V-5.5V] --- [C_in: 4.7uF] --- Pin 1 (VIN) Pin 3 (VOUT) --- [C_out: 4.7uF] --- [Load 1.1V] Pin 7 (EN) --- [Logic High/VCC] Pin 5 (GND) --- [Common Ground] ``` --- ### 5. Part Number Breakdown (ADP1706ACPZ-1.1-R7) * **ADP1706**: Base model series (1A LDO). * **ACPZ**: Package code (LFCSP, RoHS compliant). * **1.1**: Denotes the fixed 1.1V output voltage. * **R7**: Packaging format (7-inch Tape and Reel, typically 1500 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the LFCSP package at 1A current?
    • ⤷ Can this LDO be used with ceramic capacitors
    • ⤷ and what are the ESR requirements?
    • ⤷ What is the difference between the ADP1706 and the ADP1708 series?