ADP162ACBZ-3.0-R7
AI

The **ADP162ACBZ-3.0-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for portable and battery-operated applications where power efficiency and space-saving are critical.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Output Voltage** | 3.0V (Fixed) |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Max Output Current** | 150 mA |
| **Dropout Voltage** | ~105 mV @ 150 mA |
| **Quiescent Current (Iq)** | 560 nA (No Load) |
| **Shutdown Current** | < 50 nA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **PSR (Power Supply Rejection)** | 70 dB @ 1 kHz |
---
### ## Key Electronic Features
### 1. Ultra-Low Quiescent Current
The standout feature of the ADP162 series is its **560 nanoampere (nA)** quiescent current. This allows the device to remain active with minimal drain on the battery, significantly extending the standby life of portable electronics.
### 2. Low Dropout Voltage (LDO)
With a dropout voltage of only 105 mV at full load, the regulator can maintain a stable 3.0V output even when the input battery voltage drops very close to the target output.
### 3. Stability with Small Capacitors
The internal circuitry is optimized for stability using small **1.0 μF ceramic input and output capacitors**. This reduces the total PCB footprint and BOM (Bill of Materials) cost.
### 4. Protection Circuitry
The device includes several integrated safety features to prevent hardware failure:
* **Overcurrent Protection:** Limits output current during short circuits.
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits.
---
### ## Typical Application Circuit
In a standard design, the ADP162 requires only two external components to function:
```mermaid
graph LR
Vin[Input Voltage 2.2V-5.5V] --> Cin(1uF Capacitor)
Cin --> ADP162[ADP162ACBZ-3.0]
ADP162 --> Cout(1uF Capacitor)
Cout --> Vout[3.0V Output]
EN[Enable Pin] --> ADP162
```
---
### ## Common Use Cases
* **Wearable Devices:** Smartwatches and fitness trackers.
* **IoT Sensors:** Remote wireless nodes that sleep for long periods.
* **Mobile Handsets:** Maintaining power to memory or RTCs (Real-Time Clocks).
* **Medical Imaging:** Low-noise power for portable diagnostic tools.
- ⤷What are the differences between the ADP162 and ADP160 series?
- ⤷ How does the WLCSP package affect thermal management in this part?
- ⤷ Can this regulator be used with a 5V USB power source?