ADP162ACBZ-2.1-R7
AI

The **ADP162ACBZ-2.1-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for portable and battery-powered applications where power efficiency and space-saving are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.1 V |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current (No Load)** | 560 nA (Typical) |
| **Shutdown Current** | < 50 nA |
| **Dropout Voltage** | 150 mV @ 150 mA load |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADP162 series consists of several critical electronic blocks:
* **Low-Dropout Pass Transistor:** It utilizes a PMOS pass element. Unlike PNP-based regulators, the base current does not increase as the dropout voltage is reached, maintaining high efficiency.
* **Precision Bandgap Reference:** Provides a highly stable 2.1V reference voltage across varying temperatures and input voltages.
* **Error Amplifier:** Monitors the output voltage and adjusts the gate of the PMOS pass transistor to maintain regulation.
* **Shutdown Logic (EN Pin):** Allows the device to be completely disabled. When the Enable pin is low, the dissipation drops to near-zero (nano-ampere range).
---
### 3. Application Use-Cases
Due to its ultra-low power consumption and tiny footprint, this part is commonly used in:
1. **Wearable Electronics:** Smartwatches and fitness trackers.
2. **IoT Sensors:** Remote wireless sensors that need to run for years on a single coin-cell battery.
3. **Mobile Handsets:** Providing clean power to noise-sensitive analog rails.
4. **Medical Implants/Portables:** Devices requiring high reliability and minimal heat dissipation.
---
### 4. Implementation Example (Basic Circuit)
To ensure stability, the ADP162 requires minimal external components. Small 1 μF ceramic capacitors are typically recommended.
```markdown
Vin (2.2V - 5.5V) ----[ Cin 1uF ]----| ADP162 |----[ Cout 1uF ]---- Vout (2.1V)
| EN |
----------
|
Enable Signal
```
- ⤷
What are the advantages of WLCSP packaging for the ADP162?
- ⤷ How does the ultra-low quiescent current impact battery life in idle mode?
- ⤷ What is the difference between the ADP162 and ADP160 series?