ADP160ACBZ-2.3-R7
AI

The **ADP160ACBZ-2.3-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for portable and wireless applications where battery life and space are critical.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | 2.3V (Fixed) |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current (Iq)** | 560 nA (No Load) |
| **Dropout Voltage** | 60 mV @ 150 mA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features
* **Ultra-Low Quiescent Current:** Even under full load, the ground current remains exceptionally low, making it ideal for devices that remain in "sleep" or "standby" modes for long periods.
* **Low Dropout (LDO):** The very low dropout voltage (60 mV) allows the regulator to maintain a stable output even when the battery voltage drops very close to the 2.3V target.
* **Stability:** It is stable with tiny 1 μF ceramic input and output capacitors, reducing the overall PCB footprint.
* **Protection Circuits:**
* **Short-Circuit Protection:** Prevents damage during fault conditions.
* **Thermal Overload Protection:** Shuts down the device if it exceeds safe temperature limits.
---
### 3. Pin Configuration (WLCSP)
The device uses a 4-ball grid arrangement:
| Ball | Symbol | Description |
| :--- | :--- | :--- |
| **A1** | **VIN** | Regulator Input Supply. |
| **A2** | **VOUT** | Regulated Output Voltage. |
| **B1** | **EN** | Enable Input. Drive high to turn on; drive low to shut down. |
| **B2** | **GND** | Ground. |
---
### 4. Typical Application Circuit
The simplicity of the ADP160 is one of its main advantages. A typical implementation requires only two external components:
```markdown
VIN ----[ 1uF Cap ]---- (VIN) [ADP160] (VOUT) ----[ 1uF Cap ]---- VOUT (2.3V)
(EN) (GND)
| |
Control Sig. GND
```
---
### 5. Common Use Cases
* **Mobile Phones:** Powering sub-circuits that require clean, steady DC.
* **Wearables:** Smartwatches and fitness trackers where battery efficiency is paramount.
* **IoT Sensors:** Remote sensors that must operate for years on a single coin-cell battery.
* **Digital Cameras:** Powering low-voltage image processing components.
- ⤷
What are the main differences between the ADP160 and the ADP162 series?
- ⤷ How does the EN pin affect power consumption in shutdown mode?
- ⤷ Can this regulator handle input voltages higher than 5.5V?