ADP150ACBZ-3.3-R7
AI

## Overview of the ADP150ACBZ-3.3-R7
The **ADP150ACBZ-3.3-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator. It is designed by Analog Devices and is specifically optimized for applications where space and power efficiency are critical, such as mobile devices and sensitive analog circuitry.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Output Voltage** | 3.3V (Fixed) |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Max Output Current** | 150 mA |
| **Dropout Voltage** | 105 mV @ 150 mA |
| **PSRR** | 70 dB at 10 kHz |
| **Quiescent Current** | 10 μA (No Load) |
| **Package / Case** | 4-WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temp** | -40°C to +125°C |
---
### Key Electronic Features
1. **Ultra-Low Noise:**
The device produces only **9 μV rms** of output noise. This makes it ideal for powering noise-sensitive components like RF amplifiers, VCOs, and high-precision ADCs.
2. **Low Dropout (LDO):**
With a dropout voltage of only **105 mV**, the regulator can maintain its 3.3V output even when the battery or input supply drops close to that level, extending battery life.
3. **Stability with Small Capacitors:**
It is designed to be stable with tiny **1 μF ceramic input and output capacitors**, which saves PCB real estate.
4. **Enable Pin:**
Includes a logic-controlled enable input. When disabled, the shutdown current drops to less than **1 μA**, significantly reducing power consumption in standby modes.
---
### Typical Application Circuit
```mermaid
graph LR
Vin[Input 3.5V-5.5V] --> Cin[1uF Cap]
Cin --> LDO[ADP150]
LDO --> Cout[1uF Cap]
Cout --> Vout[Output 3.3V]
Enable[EN Pin] --> LDO
```
---
### Common Use Cases
* **Mobile Phones:** Powering internal sensors and cameras.
* **Medical Equipment:** Portable monitoring devices requiring high signal integrity.
* **Wireless Handsets:** Powering Bluetooth and WLAN modules.
* **Digital Cameras:** Minimizing noise in image processing sensors.
- ⤷What is the difference between the ADP150 and ADP151 series?
- ⤷ How does the WLCSP package affect thermal management in this part?
- ⤷ Can I use an output capacitor larger than 1 uF with this LDO?