ADP150ACBZ-1.8-R7
AI

The **ADP150ACBZ-1.8-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable 1.8V supply for noise-sensitive analog and mixed-signal applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Maximum Output Current** | 150 mA |
| **Dropout Voltage** | 105 mV (at 150 mA load) |
| **Output Noise** | 9 μV rms (independent of output voltage) |
| **PSRR** | 70 dB at 1 kHz |
| **Quiescent Current** | 10 μA (at no load) |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
---
### 2. Core Functional Components
The internal circuitry of the ADP150 is optimized for low power consumption and high stability.
* **Internal Reference:** Provides a high-precision voltage source with ultra-low noise characteristics.
* **Error Amplifier:** Compares the feedback voltage from the output against the internal reference to maintain a steady 1.8V.
* **PMOS Pass Transistor:** Acting as the control element, the PMOS architecture allows for the very low dropout voltage (105mV).
* **Enable (EN) Logic:** High-level logic enables the device; low-level logic puts it into shutdown mode where current consumption drops to less than 1 μA.
---
### 3. Application Use Cases
Due to its small footprint and ultra-low noise profile, this part is commonly found in:
1. **Mobile Phones:** Powering sensitive RF transceivers and camera sensors.
2. **Portable Medical Equipment:** Devices requiring high precision and battery efficiency.
3. **Digital Cameras:** Reducing image sensor noise for better low-light performance.
4. **ADC/DAC Supplies:** Providing clean power to data converters to prevent jitter and signal degradation.
---
### 4. Circuit Implementation Example
The ADP150 requires minimal external components for operation. Typically, only two small ceramic capacitors are needed.
```markdown
Vin (2.2V - 5.5V) ----[ Cin: 1uF ]---- (IN) [ ADP150 ] (OUT) ----[ Cout: 1uF ]---- Vout (1.8V)
(EN) (GND)
| |
Control Sig Ground
```
---
- ⤷
What are the advantages of a WLCSP package compared to SOT-23?
- ⤷ How does the Power Supply Rejection Ratio (PSRR) affect sensitive audio circuits?
- ⤷ What happens to the ADP150 if the input voltage drops below 2.2V?