công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP124ARHZ-2.9-R7

  • AI
    The **ADP124ARHZ-2.9-R7** is a high-performance, low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 2.9V output from a higher input voltage, specifically optimized for battery-powered and portable electronics. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3V to 5.5V | | **Output Voltage (Fixed)** | 2.9V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 130 mV @ 500 mA load | | **Quiescent Current ($I_q$)** | 31 µA (No load) | | **Shutdown Current** | < 1 µA | | **Package Type** | 8-lead MSOP (Mini Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Electronic Components & Features The ADP124 consists of several internal sub-circuits that ensure stable power delivery: * **Pass Transistor:** Uses a PMOS pass element. Unlike PNP-based LDOs, the quiescent current does not increase significantly under load, improving battery life. * **Precision Reference:** An internal bandgap reference ensures the 2.9V output remains accurate within ±1% at room temperature. * **Enable (EN) Pin:** A logic-level input that allows the regulator to be turned off via a microcontroller. When disabled, it consumes less than 1 µA. * **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safety limits. * **Short-Circuit Protection:** Limits the current to prevent damage during a fault condition. * **Under-Voltage Lockout (UVLO):** Ensures the device does not operate until the input voltage is high enough for stable regulation. --- ### 3. Application Circuit Example To operate correctly, the ADP124 requires only two small external ceramic capacitors. ```markdown Typical Application: [Vin] ----[ Cin: 1uF ]----| ADP124 |----[ Cout: 1uF ]---- [Vout: 2.9V] | GND | ``` * **Cin:** 1 µF ceramic capacitor (minimizes input noise). * **Cout:** 1 µF ceramic capacitor (essential for loop stability). Low ESR (Equivalent Series Resistance) is required. --- ### 4. Part Number Breakdown The suffixing follows the standard Analog Devices nomenclature: * **ADP124:** Base model number. * **ARHZ:** Package code (MSOP-8) and RoHS compliance. * **2.9:** Denotes the fixed 2.9V output. * **R7:** Indicates 7-inch tape and reel packaging (typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP124 and the ADP125?
    • ⤷ Can I use an output capacitor larger than 1uF with this regulator?
    • ⤷ How does the dropout voltage affect battery-powered designs?