công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP124ARHZ-2.85-R7

  • AI
    The **ADP124ARHZ-2.85-R7** is a high-performance, low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-powered applications where power efficiency and board space are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.85V (Fixed) | | **Input Voltage Range** | 2.3V to 5.5V | | **Output Current** | 500 mA (Maximum) | | **Dropout Voltage** | 130 mV @ 500 mA Load | | **Quiescent Current** | 31 µA (Typical at No Load) | | **Shutdown Current** | < 1 µA | | **Package Type** | MSOP-8 (RHZ) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Parts The internal circuitry of the ADP124 consists of several critical electronic stages: 1. **Internal Reference Voltage:** A high-precision bandgap reference that provides a stable voltage to the error amplifier. 2. **Error Amplifier:** Compares the feedback voltage from the output against the internal reference to adjust the gate of the pass transistor. 3. **PMOS Pass Transistor:** Unlike bipolar regulators, this uses a P-channel MOSFET, which allows for a very low dropout voltage and lower ground current. 4. **Enable (EN) Logic:** A dedicated pin that allows the regulator to be turned on or off digitally. When low, the device enters a "sleep" mode consuming less than 1 µA. 5. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Short-Circuit/Current Limiting:** Protects the device from damage if the output is shorted to ground. --- ### 3. Application Use Cases Due to its fixed 2.85V output and high current capability (500mA), this part is commonly used in: * **Mobile Handsets:** Powering baseband processors or memory. * **Digital Cameras:** Stable voltage for image sensors. * **Portable Medical Devices:** Where long battery life is essential. * **Post-Regulation:** Cleaning up noise from switching power supplies (DC-DC converters). --- ### 4. Part Number Breakdown The nomenclature follows a specific structure used by Analog Devices: * **ADP124:** Base model number. * **ARHZ:** "A" (Accuracy grade), "RHZ" (MSOP-8 Package). * **2.85:** Fixed output voltage of 2.85 Volts. * **R7:** Packaging format (7-inch Tape and Reel, typically 1,000 units). --- ### 5. Recommended External Components To ensure stability, the ADP124 requires minimal external components: ```c // Typical Configuration - Input Capacitor (Cin): 1.0 µF (Ceramic, Low ESR) - Output Capacitor (Cout): 1.0 µF (Ceramic, Low ESR) ``` *Note: The choice of ceramic capacitors is vital for the stability of the LDO control loop.*
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP124 and the ADP125 series?
    • ⤷ How does the dropout voltage affect power dissipation in this LDO?
    • ⤷ What are the layout considerations for the MSOP-8 package to manage heat?