ADP124ARHZ-2.7-R7
AI

The **ADP124ARHZ-2.7-R7** is a high-performance, low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 2.7V output for portable and wireless applications.
---
## 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.7 V |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 500 mA |
| **Dropout Voltage (at 500mA)** | ~130 mV |
| **Quiescent Current (No Load)** | 31 μA |
| **Shutdown Current** | < 1 μA |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | MSOP-8 (RHZ) |
---
## 2. Functional Components & Features
The ADP124 consists of several internal electronic stages to ensure stability and protection:
### Internal Architecture
* **Voltage Reference:** A high-precision internal bandgap reference ensures the output remains at 2.7V regardless of temperature changes.
* **Error Amplifier:** Constantly compares the output voltage to the reference and adjusts the pass transistor to maintain regulation.
* **Pass Transistor:** Uses a P-channel MOSFET, which allows for very low dropout voltages and low ground current.
### Special Features
1. **Enable (EN) Input:** Allows the device to be turned on or off digitally. When disabled, the device enters a "sleep mode" consuming less than 1 μA.
2. **Thermal Overload Protection:** Prevents the chip from burning out if it gets too hot by shutting down the output.
3. **Short-Circuit Protection:** Includes current limiting to protect the regulator if the output is accidentally grounded.
4. **Soft Start:** Reduces inrush current during startup to prevent voltage spikes.
---
## 3. Application Circuits
To use this part effectively, external capacitors are required for stability.
```c
// Typical Connection Diagram
[Input Source (2.3V-5.5V)] ----+---- [VIN] [VOUT] ----+---- [Load (2.7V)]
| |
[Cin: 1uF Ceramic] [Cout: 1uF Ceramic]
| |
(GND) (GND)
```
### Capacitor Requirements
* **Input Capacitor ($C_{IN}$):** A 1 μF ceramic capacitor is recommended to improve transient response.
* **Output Capacitor ($C_{OUT}$):** A 1 μF ceramic capacitor is **required** for stability. It must have a low Equivalent Series Resistance (ESR).
---
## 4. Typical Applications
* Mobile phones and Digital Cameras.
* Post-regulation for switching DC-DC converters.
* Battery-powered equipment (due to low quiescent current).
* Precision analog circuitry requiring low-noise power.
- ⤷
How does the dropout voltage affect the minimum input voltage for this regulator?
- ⤷ What are the advantages of the MSOP-8 package compared to smaller SOT-23 packages?
- ⤷ Can I use a capacitor larger than 1uF for the output?