công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP124ARHZ-2.5-R7

  • AI
    ## Technical Overview: ADP124ARHZ-2.5-R7 The **ADP124ARHZ-2.5-R7** is a low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for portable and wireless applications where battery life and board space are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3V to 5.5V | | **Output Voltage (Fixed)** | 2.5V | | **Output Current** | Up to 500 mA | | **Dropout Voltage** | 130 mV @ 500 mA load | | **Quiescent Current (Low Load)** | 7 µA (typical) | | **Shutdown Current** | < 1 µA | | **Package Type** | 8-Lead MSOP (Mini Small Outline Package) | --- ### 2. Core Features * **High Efficiency at Light Loads:** The ultra-low quiescent current (7 µA) significantly extends battery life during standby modes. * **Stability:** It is stable with small 1 µF ceramic input and output capacitors, reducing the overall PCB footprint. * **Protection Circuitry:** * **Thermal Overload Protection:** Prevents damage from overheating. * **Short-Circuit Protection:** Protects the device during current faults. * **Enable Pin:** Allows the regulator to be turned off completely via a digital signal to conserve power. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply | | 2, 3 | **NC** | No Internal Connection | | 4 | **EN** | Enable Input (High = On, Low = Off) | | 5 | **GND** | Ground | | 6, 7 | **NC** | No Internal Connection | | 8 | **VOUT** | Regulated Output Voltage (2.5V) | --- ### 4. Typical Application Example To implement this LDO in a circuit, use the following standard configuration: ```c // Circuit Connectivity Logic: 1. Connect VIN to the Power Source (e.g., 3.3V or 5V). 2. Place a 1uF Ceramic Capacitor between VIN and GND. 3. Connect EN to a Microcontroller GPIO or VIN to keep it active. 4. Connect VOUT to the Load (Sensors, MCU, etc.). 5. Place a 1uF Ceramic Capacitor between VOUT and GND for stability. ``` --- ### 5. Common Use Cases * **Mobile Handsets:** Powering baseband or RF stages. * **Digital Cameras:** Regulating power for image sensors. * **Portable Medical Devices:** Ensuring stable voltage for low-power sensors. * **Post-Regulation:** Cleaning up noise from switching power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an LDO and a switching regulator in terms of efficiency?
    • ⤷ Can the output voltage be adjusted on the ADP124 series?
    • ⤷ How does the dropout voltage affect the minimum input voltage requirement?