ADP124ACPZ-2.8-R7
AI

The **ADP124ACPZ-2.8-R7** is a high-performance, low quiescent current, linear regulator (LDO) manufactured by Analog Devices. It is specifically designed for battery-powered applications where power efficiency and space are critical.
---
### 1. Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.8 V (Fixed) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 500 mA |
| **Quiescent Current (No Load)** | 7 µA (Typical) |
| **Dropout Voltage** | 130 mV @ 500 mA |
| **Package Type** | LFCSP-8 (2mm x 2mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Features and Functions
* **Low Quiescent Current:** The 7 µA no-load current significantly extends battery life in portable electronics during standby modes.
* **High PSRR:** It offers high Power Supply Rejection Ratio (PSRR), which is essential for filtering noise from upstream switching regulators to provide clean power to sensitive sensors or RF circuits.
* **Stability:** It is stable with small 1.0 µF ceramic input and output capacitors, reducing the overall PCB footprint.
* **Protection Circuitry:**
* **Overcurrent Protection:** Prevents damage during short circuits.
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safety limits.
---
### 3. Pin Configuration (LFCSP-8)
The device uses a compact Lead Frame Chip Scale Package. Below is the typical pinout logic:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | VIN | Regulator Input Supply. |
| 2 | NC | No Connect. |
| 3 | VOUT | Regulated Output Voltage. |
| 4 | NC | No Connect. |
| 5 | EN | Enable Input (High = On, Low = Off). |
| 6 | NC | No Connect. |
| 7 | NC | No Connect. |
| 8 | GND | Ground. |
| EP | Exposed Pad | Connected to Ground; used for heat dissipation. |
---
### 4. Part Number Breakdown
The nomenclature follows Analog Devices' standard coding:
* **ADP124:** Base model series (LDO).
* **ACPZ:** Package type (LFCSP) and Lead-free status.
* **2.8:** Fixed output voltage of 2.8 Volts.
* **R7:** Packaging suffix (7-inch tape and reel, typically 3,000 units).
---
### 5. Common Applications
* Mobile phones and handheld wireless devices.
* Digital cameras and audio equipment.
* Post-regulation for DC-to-DC converters.
* Battery-powered medical equipment.
- ⤷
What are the recommended values for input and output capacitors for this LDO?
- ⤷ How does the EN (Enable) pin behave if left floating?
- ⤷ What is the typical PSRR value at 1 kHz for the ADP124?