công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP122ACPZ-2.8-R7

  • AI
    ## Electronic Analysis: ADP122ACPZ-2.8-R7 The **ADP122ACPZ-2.8-R7** is a low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 2.8V output from a higher input voltage, specifically optimized for battery-powered applications where power efficiency and space are critical. --- ### 1. Key Technical Specifications | Parameter | Value | Details | | :--- | :--- | :--- | | **Output Voltage** | 2.8 V | Fixed output version | | **Input Voltage Range** | 2.3 V to 5.5 V | Supports Li-ion battery ranges | | **Maximum Output Current** | 300 mA | Suitable for most MCU/Sensor loads | | **Dropout Voltage** | 85 mV (typical) | Measured at 300 mA load | | **Quiescent Current** | 45 µA | Current consumed at no load | | **Shutdown Current** | < 1 µA | Power consumption when disabled | | **PSRR** | 60 dB @ 10 kHz | Power Supply Rejection Ratio | | **Package** | LFCSP-6 | 2mm x 2mm Lead Frame Chip Scale Package | --- ### 2. Core Functional Components The internal architecture of the ADP122 consists of several critical electronic sub-circuits: 1. **Internal Reference Voltage:** A high-precision bandgap reference that provides the baseline for the 2.8V output stability. 2. **Error Amplifier:** Constantly compares the feedback from the output pin against the internal reference to adjust the pass transistor. 3. **PMOS Pass Transistor:** Unlike bipolar regulators, the use of a PMOS element allows for a very low dropout voltage and lower ground current. 4. **Current Limit & Thermal Overload Protection:** Integrated circuitry that prevents the device from being destroyed during a short circuit or overheating event. 5. **Enable (EN) Pin:** A digital input that allows the system to turn the regulator on or off to conserve battery life. --- ### 3. Application Circuit Example To ensure stability, the ADP122 requires small ceramic capacitors. The low ESR (Equivalent Series Resistance) of ceramic capacitors is ideal for this LDO. ```yaml Typical Application: Input_Capacitor (Cin): 1.0 µF (Ceramic, X5R/X7R) Output_Capacitor (Cout): 1.0 µF (Ceramic, X5R/X7R) Stability_Note: Ensure Cout is placed close to the VOUT and GND pins. ``` --- ### 4. Part Number Breakdown * **ADP122:** Series Name (300 mA, Low Quiescent Current LDO). * **ACPZ:** Package indicator (LFCSP). * **2.8:** Fixed output voltage of 2.8 Volts. * **R7:** Packaging format (7-inch Reel, typically 3,000 units). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an LDO and a standard linear regulator?
    • ⤷ How does the ESR of the output capacitor affect the stability of the ADP122?
    • ⤷ What are the thermal considerations for the LFCSP-6 package at 300mA?