công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP122ACPZ-2.0-R7

  • AI
    The **ADP122ACPZ-2.0-R7** is a low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for portable and battery-powered electronics. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Output Voltage** | 2.0 V (Fixed) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Current** | 300 mA (Maximum) | | **Dropout Voltage** | 85 mV @ 300 mA load | | **Quiescent Current** | 45 µA (Typical at no load) | | **Package / Case** | 6-LFCSP (2mm x 2mm) | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features and Functions 1. **Low Dropout (LDO):** The device can maintain a regulated 2.0V output even when the input voltage is only slightly higher than 2.0V (as low as ~2.085V at full load). 2. **Enable Input:** Includes an "EN" pin that allows the regulator to be turned on or off digitally. When disabled, the current consumption drops to less than 1 µA. 3. **Stability:** It is optimized for use with small, low-ESR ceramic capacitors (minimum 1 µF), making it ideal for space-constrained PCB designs. 4. **Protection Circuits:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safety limits. * **Short-Circuit Protection:** Prevents damage if the output is accidentally grounded. --- ### ## Pin Configuration The **6-Lead LFCSP** package typically uses the following pinout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply. | | 2 | **GND** | Ground Reference. | | 3 | **EN** | Enable Input (High = On, Low = Off). | | 4 | **NC** | No Connection. | | 5 | **ADJ/NC** | Not connected on fixed voltage versions. | | 6 | **VOUT** | Regulated Output Voltage. | | **EP** | **Exposed Pad** | Should be soldered to the PCB ground plane for heat dissipation. | --- ### ## Application Use Cases * **Mobile Handsets:** Providing clean power to digital signal processors (DSPs) or sensors. * **Digital Cameras:** Stable voltage for image processing. * **Portable Medical Equipment:** Low noise supply for sensitive diagnostic sensors. * **Post-Regulation:** Used after a switching regulator to remove high-frequency noise.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input and output capacitors for this LDO?
    • ⤷ How does the power dissipation of this LDO change with varying input voltages?
    • ⤷ What are the primary differences between the ADP122 and the ADP123 series?