ADP1190AACBZ-R7
AI

## Technical Overview: ADP1190AACBZ-R7
The **ADP1190AACBZ-R7** is a high-side load switch designed for power domain isolation and power management in portable electronic devices. It is manufactured by **Analog Devices (ADI)** and is specifically engineered for low-voltage applications requiring very low "On" resistance.
---
### 1. Key Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Input Voltage Range** | 1.1 V to 3.6 V |
| **Maximum Continuous Current** | 500 mA |
| **On Resistance ($R_{DSON}$)** | ~34 mΩ at 1.8 V |
| **Quiescent Current** | < 1 µA (Low power consumption) |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Components
The internal architecture of the ADP1190 consists of several critical electronic stages:
1. **P-Channel MOSFET:** The primary switching element. Because it uses a P-channel architecture, it does not require an external charge pump to drive the gate when the input voltage is low.
2. **Control Logic:** A digital input pin (**EN**) allows the system microcontroller to enable or disable the switch. It features low-voltage logic compatibility.
3. **Level Shifter:** Translates the logic signal from the Enable pin to the appropriate voltage level required to fully turn the internal MOSFET on or off.
4. **Slew Rate Control:** This internal mechanism prevents "Inrush Current." By controlling how fast the switch turns on, it prevents the input voltage rail from dropping suddenly when a large capacitive load is connected.
---
### 3. Pin Configuration (4-Ball WLCSP)
The device is extremely small, typically measuring around 0.8 mm x 0.8 mm.
| Ball | Symbol | Description |
| :--- | :--- | :--- |
| **A1** | **VIN** | Input voltage source. |
| **A2** | **VOUT** | Regulated output to the load. |
| **B1** | **EN** | Enable input (Active High). |
| **B2** | **GND** | Ground reference. |
---
### 4. Typical Applications
* **Mobile Phones:** Isolating power-hungry modules (like GPS or Cameras) when not in use.
* **Wearables:** Maximizing battery life in smartwatches and fitness trackers.
* **Portable Medical Devices:** Power gating for sensors.
* **Digital Cameras:** Managing power rails for image processors.
---
### 5. Benefits of the "AACBZ-R7" Variant
* **WLCSP Package:** The "CBZ" suffix indicates the Wafer Level Chip Scale Package, which is essential for space-constrained designs.
* **Tape and Reel:** The "R7" suffix indicates the part is shipped on a 7-inch reel for automated high-speed SMT (Surface Mount Technology) assembly.
---
- ⤷
What is the difference between high-side and low-side load switches?
- ⤷ How does slew rate control prevent inrush current in this device?
- ⤷ Are there pin-compatible alternatives with higher current ratings?