ADP1074WARWZ-R7
AI

The **ADP1074WARWZ-R7** is a high-performance, isolated synchronous flyback controller developed by Analog Devices. It is specifically designed for high-efficiency isolated DC-to-DC power conversion, integrating proprietary iCoupler® technology to eliminate the need for optocouplers.
---
## 1. Key Technical Specifications
Below are the primary electronic characteristics of the ADP1074WARWZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Topology** | Isolated Flyback / Forward |
| **Input Voltage Range** | 4.5V to 60V |
| **Output Type** | Synchronous Rectification Support |
| **Isolation Tech** | Integrated iCoupler (Digital Isolation) |
| **Switching Frequency** | 50 kHz to 600 kHz (Programmable) |
| **Package** | 24-lead SOIC_W (Wide Body) |
| **Grade** | Automotive Qualified (AEC-Q100) |
---
## 2. Core Functional Components
The "Electronic Parts" or internal architecture of this IC can be broken down into several functional blocks:
### A. Integrated iCoupler® Isolation
Unlike traditional controllers that require a separate optocoupler and shunt regulator (like the TL431) for feedback, the ADP1074 integrates these components. It uses micro-transformers to communicate across the isolation barrier, resulting in:
* Higher reliability (no optocoupler degradation).
* Reduced component count and PCB footprint.
* Faster transient response.
### B. Synchronous Rectification (SR) Control
The IC provides a dedicated signal to drive secondary-side MOSFETs. By using MOSFETs instead of Schottky diodes for rectification, the power loss is significantly reduced, enabling efficiencies often exceeding 90%.
### C. Protection Circuitry
The device incorporates comprehensive safety features:
* **OCP (Overcurrent Protection):** Primary and secondary side sensing.
* **OVP (Overvoltage Protection):** Prevents damage to the load.
* **OTP (Over-Temperature Protection):** Thermal shutdown if the die gets too hot.
* **Soft Start:** Programmable start-up to prevent high inrush currents.
---
## 3. Pinout and Connection Overview
The 24-lead SOIC package separates primary-side pins from secondary-side pins to maintain creepage and clearance requirements.
```c
// Simplified Pin Logic Groups
Primary_Side {
VIN; // Input Power
GATE; // Primary Switching MOSFET Drive
CS; // Current Sense
COMP; // Compensation Network
}
Secondary_Side {
VOUT; // Output Voltage Feedback
SR_DRV; // Synchronous Rectifier Drive
AGND/PGND; // Signal and Power Grounds
}
```
---
## 4. Part Number Breakdown: ADP1074WARWZ-R7
* **ADP1074:** The base model number.
* **W:** Automotive qualified (AEC-Q100).
* **ARW:** Package code for Wide Body SOIC.
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Reel, 1000 units).
---
- ⤷
What are the specific advantages of iCoupler technology over traditional optocouplers in power supplies?
- ⤷ How do you calculate the external components for the frequency programming of the ADP1074?
- ⤷ Can the ADP1074 be used in a Forward topology
- ⤷ and if so
- ⤷ what are the limitations?