công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP1034ACPZ-1-R7

  • AI
    ## Technical Overview of ADP1034ACPZ-1-R7 The **ADP1034ACPZ-1-R7** is a high-performance, isolated power management unit (PMU) developed by Analog Devices. It is specifically designed to provide isolated power and data channels for industrial and instrumentation applications, particularly where space and efficiency are critical. --- ### 1. Key Internal Components The ADP1034 is a "3-in-1" solution that integrates several electronic functions into a single package: | Component | Function | | :--- | :--- | | **Isolated Flyback Regulator** | Provides the primary-to-secondary power conversion. | | **Inverting Buck-Boost** | Generates a negative voltage rail (typically for bipolar sensors). | | **Buck Regulator** | Provides a regulated positive low-voltage rail (e.g., for ADCs or MCUs). | | **isoPower® Technology** | An integrated DC-to-DC converter that uses chip-scale transformers for isolation. | | **Data Isolators** | Seven channels of digital isolation based on *i*Coupler® technology. | --- ### 2. Electrical Specifications Below are the primary electrical characteristics for the device: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 60 V | | **Isolation Rating** | 3000 V rms (per UL 1577) | | **Output Channels** | 3 (VOUT1, VOUT2, VOUT3) | | **Switching Frequency** | Programmable (typically 250 kHz to 1 MHz) | | **Package Type** | 41-lead LFCSP (6mm x 7mm) | | **Temperature Range** | -40°C to +125°C | --- ### 3. Application Use Cases This part is commonly used in environments requiring galvanic isolation to protect sensitive circuitry from high-voltage transients. 1. **Industrial Automation:** PLC (Programmable Logic Controller) I/O modules. 2. **Process Control:** 4 mA to 20 mA loop-powered systems. 3. **Data Acquisition:** Providing clean, isolated power to high-speed Analog-to-Digital Converters (ADCs). 4. **Energy Management:** Solar inverters and battery monitoring systems. --- ### 4. Pin Configuration Example (Simplified) The LFCSP package uses a variety of pins for feedback, compensation, and power input/output: ```c // Pseudo-code representation of pin functions PIN_1 : VIN // Primary Input Power PIN_10 : VOUT1 // Isolated Flyback Output PIN_15 : VOUT2 // Buck Regulator Output PIN_20 : VOUT3 // Inverting Buck-Boost Output PIN_30 : DIN/DOUT // Isolated Data Channels ``` --- ### 5. Part Number Breakdown * **ADP1034:** Base model number. * **ACPZ:** Indicates Lead-frame Chip Scale Package (LFCSP) and RoHS compliance. * **1:** Version identifier (Specific internal configuration/voltage settings). * **R7:** Packaging suffix (7-inch reel, typically 1,500 units).
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using iCoupler technology over optocouplers?
    • ⤷ How do you calculate the feedback resistors for the VOUT1 isolated rail?
    • ⤷ What are the EMI considerations when using the ADP1034 integrated transformer?