công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP1031ACPZ-4-R7

  • AI
    ### Overview of the ADP1031ACPZ-4-R7 The **ADP1031ACPZ-4-R7** is a high-performance, isolated micropower management unit (PMU) designed by Analog Devices. It integrates an isolated flyback regulator, an inverting regulator, and a buck regulator, providing a complete power solution for isolated applications, particularly for Analog Output modules. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Function** | Isolated 3-Channel Power Management Unit | | **Input Voltage Range** | 4.5 V to 60 V | | **Vout 1 (Flyback)** | 6 V to 28 V (Isolated) | | **Vout 2 (Buck)** | 5.15 V, 5.0 V, or 3.3 V | | **Vout 3 (Inverting)** | -15 V to -5 V | | **Isolation Rating** | 3000 V rms | | **Package** | 41-LFCSP (6mm x 6mm) | --- ### Core Components & Features 1. **Triple Output Channels:** * **Isolated Flyback:** Generates the primary isolated positive rail. * **Buck Regulator:** Efficiently steps down voltage for logic-level components. * **Inverting Regulator:** Provides the negative rail required for bipolar precision components (like Op-Amps or DACs). 2. **Integrated Data Isolation:** * Includes seven low-power digital isolation channels (based on *i*Coupler® technology). * Eliminates the need for separate optocouplers for SPI/data signals. 3. **Protection Mechanisms:** * Overcurrent Protection (OCP). * Overvoltage Protection (OVP). * Thermal Shutdown (TSD). * Undervoltage Lockout (UVLO). --- ### Application Circuit Example (Simplified Block) The device is typically used to bridge the "Field Side" and the "Logic Side" of an industrial controller. ```mermaid graph LR subgraph Logic_Side MCU[Microcontroller] end subgraph ADP1031_Isolation_Barrier ISO[Integrated iCoupler Isolation] end subgraph Field_Side FB[Flyback: +24V] BK[Buck: +5V] IV[Inverting: -15V] DAC[Precision DAC] end MCU --- ISO --- DAC FB --> DAC BK --> DAC IV --> DAC ``` --- ### Common Use Cases * **Industrial Automation:** Programmable Logic Controllers (PLCs) and Distributed Control Systems (DCS). * **Process Control:** 4 mA to 20 mA loop-powered output modules. * **Data Acquisition:** High-precision isolated measurement systems. * **Instrumentation:** Powering bipolar amplifiers in noisy environments.
    ✨ Follow-up Questions
    • ⤷ What are the primary advantages of using the ADP1031 over discrete isolation components?
    • ⤷ How do the integrated iCoupler channels handle SPI communication speeds?
    • ⤷ What external components are required to set the specific output voltages for the flyback and inverting rails?