công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP1031ACPZ-3-R7

  • AI
    ## Detailed Overview: ADP1031ACPZ-3-R7 The **ADP1031ACPZ-3-R7** is a high-performance, isolated multi-channel management unit specifically designed for industrial applications requiring robust data and power isolation. It combines an isolated flyback regulator with integrated buck and inverting regulators, and three channels of digital isolation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Input Voltage Range** | 4.5 V to 60 V | | **Output 1 (VOUT1)** | Isolated Flyback (Adjustable via transformer) | | **Output 2 (VOUT2)** | Buck Regulator (e.g., 5.1 V) | | **Output 3 (VOUT3)** | Inverting Regulator (e.g., -15 V to -5 V) | | **Digital Isolators** | 3 Channels (SPI compatible) | | **Isolation Rating** | 3000 V rms | | **Package** | 41-LFCSP (6mm x 7mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Components The ADP1031 is a "system-on-a-chip" for isolated power, consisting of three primary sections: #### A. Isolated DC-DC Power Conversion * **Flyback Controller:** Generates the primary isolated voltage. * **Buck Regulator:** A step-down converter providing a stable positive rail (typically for analog circuits or sensors). * **Inverting Regulator:** Generates a negative voltage rail, often required for bipolar ADC or DAC operations. #### B. Integrated Digital Isolation * Uses ADI’s *iCoupler* technology to provide three channels of high-speed digital isolation. * Commonly used for **SPI communication** (SCLK, MOSI, MISO, CS) between the field side and the controller side. #### C. Protections and Diagnostics * Soft-start to limit inrush current. * Overcurrent and Overvoltage protection. * Thermal shutdown. --- ### 3. Pinout and Internal Block Diagram Simplified While the physical chip has 41 pins, they are grouped into functional zones: 1. **VIN / PVIN:** Primary power inputs. 2. **SW / COMP:** Switching nodes and compensation pins for the regulators. 3. **VOUT1/2/3:** Feedback and output pins for the three power rails. 4. **VIA/VIB/VIC:** Digital input/output pins for the isolation barrier. 5. **GNDP / GNDISO:** Separation between primary ground and isolated ground. --- ### 4. Typical Applications The ADP1031 is ideal for space-constrained industrial designs: * **Analog Output Modules:** Driving 4-20 mA loops. * **Data Acquisition Systems:** Powering isolated ADCs/DACs. * **Industrial Automation:** Programmable Logic Controllers (PLCs). * **Process Control:** Remote sensors requiring bipolar power. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ADP1031** | Base Model Number | | **ACPZ** | LFCSP Package (RoHS compliant) | | **-3** | Output Configuration version (refer to datasheet for specific rail presets) | | **-R7** | 7-inch Reel (Tape and Reel packaging for SMT assembly) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage values for the '-3' version of the ADP1031?
    • ⤷ How does the iCoupler technology compare to traditional optocouplers in this chip?
    • ⤷ What external components are required to complete the flyback circuit for the ADP1031?