công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP-R6801-00B

  • AI
    ## Technical Overview: ADP-R6801-00B The **ADP-R6801-00B** is an industrial-grade **Power Distribution Board (PDB)** or **Interface Adapter Board**, typically used in server infrastructure, high-end workstations, or specialized computing hardware (often associated with brands like ASUS or specialized server chassis manufacturers). --- ### Core Electronic Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Distribution / Riser Adapter | | **Input Voltage** | Typically 12V DC (Standard Server Rail) | | **Form Factor** | Proprietary Small Form Factor (SFF) | | **Connectors** | High-density pin headers / PCIe-style power slots | | **Compliance** | RoHS Compliant | --- ### Key Electronic Functions 1. **Voltage Regulation & Filtering**: The board utilizes surface-mount capacitors (MLCCs) and solid polymer capacitors to filter electronic noise and ripple from the main Power Supply Unit (PSU), ensuring stable current delivery to sensitive components like GPUs or high-speed NVMe drives. 2. **Signal Routing**: Depending on the specific revision, this board often acts as a bridge for **SMBus** or **I2C signals**, allowing the motherboard's BMC (Baseboard Management Controller) to monitor the health and power consumption of peripheral devices. 3. **Power Sequencing**: It manages the "Power Good" signal logic, ensuring that peripheral devices do not draw full current until the system's main rails have stabilized, preventing surge damage. ### Common Usage Scenarios * **GPU Expansion**: Routing high-wattage 12V power from a server backplane to multiple GPU power headers. * **Storage Arrays**: Distributing power and sideband signals to high-density U.2 or U.3 drive cages. * **Chassis Management**: Serving as an interconnect between the main system board and front-panel I/O or cooling fan arrays. --- ### Component Composition The board is primarily composed of: * **Multi-layer PCB**: Designed with thick copper traces (oz) to handle high amperage without overheating. * **MOSFETs/Fuses**: For over-current protection (OCP) on individual output rails. * **LED Indicators**: Often includes SMD LEDs to indicate "Power Present" or "Fault" status.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage supported by the ADP-R6801-00B?
    • ⤷ Is this board compatible with standard ATX power supplies?
    • ⤷ Does this model support OCP (Over-Current Protection) tuning?