công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADN-134-R

  • AI
    The **ADN-134-R** is a specialized high-performance RF (Radio Frequency) component, specifically a **Surface Mount Bias Tee**. It is designed for broadband applications where DC power needs to be injected into an RF signal path without degrading the signal. --- ### 1. Key Technical Specifications The ADN-134-R is manufactured by Mini-Circuits and is known for its wide frequency coverage and compact form factor. | Parameter | Specification | |:---|:---| | **Frequency Range** | 10 MHz to 13 GHz | | **Insertion Loss** | 0.6 dB (typical) | | **Isolation (RF to DC)** | 35 dB (typical) | | **Max DC Current** | 500 mA | | **Max DC Voltage** | 30V | | **VSWR** | 1.15:1 (typical) | | **Package Type** | Case Style: GU1604 (Surface Mount) | --- ### 2. Internal Electronic Structure The device functions as a **diplexer**. Internally, it consists of three primary nodes: 1. **RF Port:** High-pass filter (usually a high-quality capacitor) that allows RF signals through while blocking DC. 2. **DC Port:** Low-pass filter (usually a high-value inductor or choke) that allows DC current through while blocking RF signals from leaking into the power supply. 3. **RF + DC Port (Combined):** The output where the DC bias is "teed" onto the RF transmission line. --- ### 3. Common Applications In electronic systems, the ADN-134-R is used in the following scenarios: * **Biasing Amplifiers:** Providing DC power to remote Low Noise Amplifiers (LNAs) through the coaxial cable. * **Laser Diode Biasing:** Driving high-speed fiber optic transmitters. * **Active Antennas:** Powering circuitry located at the antenna mast using the signal feed line. * **Test and Measurement:** Injecting DC offsets into high-speed digital signals for stress testing. --- ### 4. Implementation Example (Schematic Logic) When integrating the ADN-134-R into a PCB layout, the signal flow follows this logic: ```markdown [ RF Input ] ----||----[ Combined Port ]---- [ Device Under Test ] (Cap) | (Ind) | [ DC Input ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 13 GHz upper frequency limit for this component?
    • ⤷ How does the ADN-134-R handle heat dissipation at its maximum current of 500 mA?
    • ⤷ Can this Bias Tee be used in 5G infrastructure applications?