ADN-113-R/Q
AI

The **ADN-113-R/Q** is a specific series of industrial pressure switches typically manufactured by **Norgren** (or affiliated brands like Herion). These devices are designed to convert hydraulic or pneumatic pressure changes into an electrical signal.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Pressure Switch |
| **Media** | Neutral, gaseous, or liquid fluids |
| **Switching Element** | Microswitch (Snap-action) |
| **Electrical Connection** | M12 x 1 or DIN EN 175301-803 (Plug A) |
| **Contact Type** | Changeover (SPDT) |
| **Max Voltage** | 250V AC / 30V DC |
| **Max Current** | Up to 4A (dependent on specific variant) |
---
### 2. Internal Electronic Parts and Construction
The "electronic" side of this device is primarily **electromechanical**, meaning it uses physical movement to trigger an electrical contact.
#### A. The Microswitch
Inside the housing is a precision microswitch. When the process pressure reaches the "set point," a piston or diaphragm overcomes a spring force and pushes a small lever on the microswitch.
* **Gold-plated contacts:** Often used in these models to ensure low contact resistance and reliability in low-voltage PLC circuits.
#### B. The Connector Interface
The **R/Q** suffix usually denotes the electrical connection style:
* **M12 Connector:** A circular 4-pin or 5-pin industrial interface common in automation.
* **Integrated LED (Optional):** Some versions include a small LED circuit to indicate the "Switching Status" (Power on / Contact closed).
#### C. Adjustment Mechanism
While not a digital circuit, the electronic trigger point is controlled by a **calibrated compression spring**. By turning an adjustment screw, you change the mechanical resistance against the electrical switch.
---
### 3. Wiring Diagram Logic
The ADN-113 series generally follows a standard **SPDT (Single Pole Double Throw)** logic:
```markdown
Pin 1: Common (Supply)
Pin 2: Normally Closed (NC) - Opens when pressure is reached
Pin 3: Normally Open (NO) - Closes when pressure is reached
Pin 4: Ground / PE
```
---
### 4. Common Applications
* **Safety Interlocks:** Ensuring a machine won't start unless oil pressure is present.
* **Filter Monitoring:** Detecting a pressure drop across a filter.
* **Process Control:** Sending a signal to a PLC once a tank reaches a specific pressure level.
- ⤷
What is the maximum pressure range supported by the ADN-113-R/Q?
- ⤷ How do you adjust the switching point on this specific model?
- ⤷ Is the ADN-113-R/Q compatible with hazardous environments (ATEX)?