ADN-112-R
AI

## ADN-112-R: Electronic Specifications and Components
The **ADN-112-R** is a specific model of a **Compact Pneumatic Cylinder** manufactured by **Festo**. While it is primarily a mechanical/pneumatic actuator, its "electronic" aspect refers to its compatibility with position sensing and control integration.
---
### 1. Key Technical Specifications
The following table outlines the physical and functional parameters that dictate how electronic sensors interact with this part.
| Parameter | Specification |
| :--- | :--- |
| **Bore Size** | 12 mm |
| **Stroke Length** | Typically variable (check specific suffix) |
| **Cushioning** | P: Flexible cushioning rings/plates at both ends |
| **Position Detection** | Via proximity sensor (integrated slot) |
| **Operating Pressure** | 1.0 ... 10 bar |
| **Piston-rod End** | Male thread (R-variant) |
---
### 2. Electronic Position Sensing
The ADN-112-R is designed with a **built-in permanent magnet** on the internal piston. This allows for electronic feedback using the following components:
#### A. Proximity Sensors (T-Slot)
The cylinder body features an integrated **T-slot**. Electronic sensors (Reed or Magnetoresistive) are inserted here to detect the piston's position.
* **Sensor Type:** SMT-8M-A (Magnetoresistive) or SME-8M (Reed switch).
* **Connection:** Usually M8 or M12 plug, or open cable ends.
* **Output:** PNP, NPN, or Contacting.
#### B. Electronic Control Interface
* **Solenoid Valves:** To actuate the ADN-112-R, it must be paired with an electronic solenoid valve (e.g., Festo VUVG series).
* **Voltage:** Common control voltages are 24V DC.
* **Logic:** The proximity sensors provide inputs to a PLC (Programmable Logic Controller) to confirm if the cylinder is "Extended" or "Retracted."
---
### 3. Electronic Components Compatibility List
If you are building a system around the ADN-112-R, these are the electronic accessories required:
| Component Type | Part Number (Example) | Function |
| :--- | :--- | :--- |
| **Proximity Sensor** | `SMT-8M-A-PS-24V-E` | Detects end-position via magnet. |
| **Connecting Cable** | `NEBU-M8G3-K-2.5-LE3` | Connects sensor to the controller. |
| **Solenoid Valve** | `VUVG-L10-B52-T-M7` | Electrically controls air flow to move the piston. |
---
### 4. Summary of "R" Variant Features
The **-R** in the part number specifically denotes the **Piston rod with male thread**. While this is a mechanical feature, it impacts the electronic setup by determining the mounting of the load, which may affect the cycle time and the sensitivity required for the electronic sensors.
- ⤷
Which specific proximity sensor is recommended for the T-slot of the ADN-112-R?
- ⤷ How do I wire a PNP proximity sensor from this cylinder to a PLC?
- ⤷ What is the difference between the SMT and SME sensor types for this cylinder?