ADM8614Y263ACBZ-R7
AI

## Technical Overview: ADM8614Y263ACBZ-R7
The **ADM8614Y263ACBZ-R7** is a high-precision, ultra-low power supervisory circuit (voltage monitor) manufactured by **Analog Devices (ADI)**. It is designed to monitor system voltages and provide a reset signal to processors or controllers when the voltage falls below a specific threshold.
### 1. Key Specifications
The following table summarizes the primary electrical and mechanical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Voltage Supervisor / Reset IC |
| **Threshold Voltage ($V_{TH}$)** | 2.63V |
| **Supply Current ($I_{CC}$)** | 190 nA (Typical) |
| **Output Type** | Active-Low, Open-Drain |
| **Reset Timeout** | 200 ms (Typical) |
| **Package Type** | 4-Ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +85°C |
| **Manual Reset (MR)** | Yes (Logic Input) |
---
### 2. Functional Description
The device performs three critical roles in an electronic system:
1. **Under-voltage Monitoring:** It monitors the power supply rail. If the voltage drops below **2.63V**, the device pulls the RESET pin low to prevent the processor from executing corrupted instructions.
2. **Power-On Reset (POR):** When the system is first turned on, it holds the reset signal for **200ms** after the voltage reaches the threshold to ensure the power supply has stabilized.
3. **Manual Reset (MR) Input:** It allows a physical button or a secondary logic signal to trigger a system reset independently of the voltage level.
---
### 3. Application Use Cases
Due to its extremely low power consumption (**190 nA**), this part is ideal for battery-operated devices where energy efficiency is the highest priority:
* **Wearables:** Smartwatches and fitness trackers.
* **IoT Sensors:** Remote sensors that must run for years on a single coin-cell battery.
* **Portable Medical Devices:** Handheld diagnostic tools.
* **Mobile Handsets:** General system monitoring and power sequencing.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ADM8614**: Device family (Ultra-low power supervisor).
* **Y**: Accuracy/Temperature grade.
* **263**: Threshold voltage (2.63V).
* **ACBZ**: Package code (WLCSP).
* **R7**: Reel size (7-inch reel).
---
- ⤷
What are the design considerations when using an open-drain output reset IC?
- ⤷ How does the 190nA current consumption compare to standard supervisory ICs?
- ⤷ What is the physical footprint size of the 4-ball WLCSP package?